Electronic Components Datasheet Search
  English  ▼

X  

STF202 Datasheet(PDF) 6 Page - ON Semiconductor

Part # STF202
Description  USB Filter with ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STF202 Datasheet(HTML) 6 Page - ON Semiconductor

  STF202 Datasheet HTML 1Page - ON Semiconductor STF202 Datasheet HTML 2Page - ON Semiconductor STF202 Datasheet HTML 3Page - ON Semiconductor STF202 Datasheet HTML 4Page - ON Semiconductor STF202 Datasheet HTML 5Page - ON Semiconductor STF202 Datasheet HTML 6Page - ON Semiconductor STF202 Datasheet HTML 7Page - ON Semiconductor STF202 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STF202–22
http://onsemi.com
6
OUTLINE DIMENSIONS
EMI Filter with ESD Protection
TSOP–6
CASE 318G–02
ISSUE H
23
4
5
6
A
L
1
S
G
D
B
H
C
0.05 (0.002)
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.1142 0.1220
2.90
3.10
B
0.0512 0.0669
1.30
1.70
C
0.0354 0.0433
0.90
1.10
D
0.0098 0.0197
0.25
0.50
G
0.0335 0.0413
0.85
1.05
H
0.0005 0.0040
0.013
0.100
J
0.0040 0.0102
0.10
0.26
K
0.0079 0.0236
0.20
0.60
L
0.0493 0.0610
1.25
1.55
M
0
10
0
10
S
0.0985 0.1181
2.50
3.00
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
M
J
K
STYLE 8:
PIN 1. Vbus
2. D(in)-
3. D(in)+
4. D(out)+
5. D(out)-
6. GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com