Electronic Components Datasheet Search
  English  ▼

X  

STF202 Datasheet(PDF) 1 Page - ON Semiconductor

Part # STF202
Description  USB Filter with ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STF202 Datasheet(HTML) 1 Page - ON Semiconductor

  STF202 Datasheet HTML 1Page - ON Semiconductor STF202 Datasheet HTML 2Page - ON Semiconductor STF202 Datasheet HTML 3Page - ON Semiconductor STF202 Datasheet HTML 4Page - ON Semiconductor STF202 Datasheet HTML 5Page - ON Semiconductor STF202 Datasheet HTML 6Page - ON Semiconductor STF202 Datasheet HTML 7Page - ON Semiconductor STF202 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
July, 2002 – Rev. 6
1
Publication Order Number:
STF202–22T1/D
STF202-22
USB Filter with ESD
Protection
This device is designed for applications requiring Line
Termination, EMI Filtering and ESD Protection. It is intended for
use in upstream USB ports, Cellular phones, Wireless equipment and
computer applications. This device offers an integrated solution in a
small package (TSOP–6, Case 318G) reducing PCB space and cost.
Features:
• Provides USB Line Termination, Filtering and ESD Protection
• Single IC Offers Cost Savings by Replacing 3 Resistors,
2 Capacitors, and 5 TVs diodes
• Bi–directional EMI Filtering Prevents Noise from Entering/Leaving
the System
• IEC61000–4–2 ESD Protection for USB Port
• Flexible Pull–down or Pull–up Line Termination to Meet USB 1.1
Low Speed and High Speed Specification
• ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
Benefits:
• TSOP–6 Package Minimizes PCB Space
• Integrated Circuit Increases System Reliability versus Discrete
Component Implementation
• TVs Devices Provide ESD Protection That is Better than a Discrete
Implementation because the Small IC minimizes Parasitic
Inductances
Typical Applications:
• USB Hubs
• Computer Peripherals Using USB
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Steady State Power
PD
225
mW
Maximum Junction Temperature
TJ(max)
125
°C
Operating Temperature Range
TJ
–55 to +125
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Lead Solder Temperature
(10 second duration)
TL
260
°C
TSOP–6
CASE 318G
STYLE 8
Device
Package
Shipping
ORDERING INFORMATION
STF202–22T1
TSOP–6
3000/Tape & Reel
CIRCUIT DESCRIPTION
S22 D
MARKING DIAGRAM
5
4
13
2
6
1
2
3
5
S22
= Specific Device Code
D
= Date Code
4
6
65
4
12
3
C
Rs1
Rup
C
Rs2
GND
D(OUT)
D(OUT)
VBUS
D(IN)
D(IN)
http://onsemi.com


Similar Part No. - STF202

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
ON Semiconductor
STF202-22 ONSEMI-STF202-22 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
STF202-22.TC SEMTECH-STF202-22.TC Datasheet
182Kb / 7P
USB Upstream Port Filter and TVS
STF202-22.TCT SEMTECH-STF202-22.TCT Datasheet
182Kb / 7P
USB Upstream Port Filter and TVS
logo
ON Semiconductor
STF202-22T1G ONSEMI-STF202-22T1G Datasheet
124Kb / 6P
USB Filter with ESD Protection
September, 2012 ??Rev. 9
More results

Similar Description - STF202

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
USB UPSTREAM PORT FILTER WITH ESD PROTECTION
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
NUF2101MT1 ONSEMI-NUF2101MT1 Datasheet
38Kb / 4P
USB Filter with ESD Protection
March, 2004 ??Rev. 1
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2101M ONSEMI-NUF2101M Datasheet
125Kb / 4P
USB Filter with ESD Protection
August, 2005 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Infineon Technologies A...
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
logo
ON Semiconductor
STF202-22T1G ONSEMI-STF202-22T1G Datasheet
124Kb / 6P
USB Filter with ESD Protection
September, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com