Electronic Components Datasheet Search
  English  ▼

X  

0804501 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804501
Description  WMS 12,7 (EX20)R - Shrink sleeve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804501 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804501 Datasheet HTML 1Page - PHOENIX CONTACT 0804501 Datasheet HTML 2Page - PHOENIX CONTACT 0804501 Datasheet HTML 3Page - PHOENIX CONTACT 0804501 Datasheet HTML 4Page - PHOENIX CONTACT 0804501 Datasheet HTML 5Page - PHOENIX CONTACT 0804501 Datasheet HTML 6Page - PHOENIX CONTACT 0804501 Datasheet HTML 7Page - PHOENIX CONTACT 0804501 Datasheet HTML 8Page - PHOENIX CONTACT 0804501 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, unperforated, mounting
type: slide-on, cable diameter range: 4.2 ... 12.7 mm, lettering field size: 20 x 20000 mm, roll
length: 20 m
Product description
The continuous shrink sleeves in the WMS... product family can be assembled to create individual marker lengths using the THERMOMARK E.
CUTTER or E.CUTTER/P. After the printing, assembly, and applying process, you have the option of shrinking the marked shrink sleeves by
applying heat manually and thus fixing them on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
High flexibility, as individual marker lengths ranging from 3.45 mm ... 2000 mm (0.14" ... 78.7") can be realized in combination with the cutter and
perforation cutter
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 3:1
•
Widely used and proven worldwide in control cabinet and machine building, the oil and gas industry, and the railway industry
•
Commercial data
Item number
0800294
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
Catalog page
Page 226 (C-3-2019)
GTIN
4046356625845
Weight per piece (including packing)
385.7 g
Weight per piece (excluding packing)
385.7 g
Customs tariff number
39173200
Country of origin
CN
WMS 12,7 (EX20)R - Shrink sleeve
0800294
https://www.phoenixcontact.com/us/products/0800294
Oct 17, 2023, 5:00 AM
Page 1 (14)


Similar Part No. - 0804501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804500 PHOENIX-0804500 Datasheet
54Kb / 2P
In addition, a comprehensive range of pre-assembled engraving materials is also available
0804502 PHOENIX-0804502 Datasheet
177Kb / 4P
THERMOMARK ROLLMASTER-CUTTER - Cutter
0804503 PHOENIX-0804503 Datasheet
173Kb / 4P
THERMOMARK ROLLMASTER-CUTTER/P - Cutter
0804508 PHOENIX-0804508 Datasheet
269Kb / 8P
EO-AB/UT/20 - Socket
0804509 PHOENIX-0804509 Datasheet
271Kb / 8P
EO-AB/UT/LED/20 - Socket
More results

Similar Description - 0804501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1855107 PHOENIX-1855107 Datasheet
58Kb / 3P
Sleeve housing - VC-K-T2-R-M25
1855120 PHOENIX-1855120 Datasheet
59Kb / 3P
Sleeve housing - VC-K-T3-R-M25
1855133 PHOENIX-1855133 Datasheet
62Kb / 4P
Sleeve housing - VC-K-T4-R-M25
1014303 PHOENIX-1014303 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R SR
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
1929533 PHOENIX-1929533 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com