Electronic Components Datasheet Search
  English  ▼

X  

0804501 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804501
Description  WMS 12,7 (EX20)R - Shrink sleeve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804501 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804501 Datasheet HTML 1Page - PHOENIX CONTACT 0804501 Datasheet HTML 2Page - PHOENIX CONTACT 0804501 Datasheet HTML 3Page - PHOENIX CONTACT 0804501 Datasheet HTML 4Page - PHOENIX CONTACT 0804501 Datasheet HTML 5Page - PHOENIX CONTACT 0804501 Datasheet HTML 6Page - PHOENIX CONTACT 0804501 Datasheet HTML 7Page - PHOENIX CONTACT 0804501 Datasheet HTML 8Page - PHOENIX CONTACT 0804501 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical data
Notes
General
For the THERMOMARK ROLL and THERMOMARK ROLL 2.0
roll printers, this material can only be processed with an external
media hub.
General
The specified minimum wire diameter of the shrink sleeve refers
to its use as a marking material and does not guarantee any
insulation characteristics once shrunk.
 
Depending on the processed material batch, as well as the
storage and processing conditions, the maximum insertable wire
diameter may be reduced.
Product properties
Product type
Shrink sleeve
Type
Shrink sleeve
Dimensions
Width
20 mm
Length of roll
20.00 m
External dimensions
Outside diameter
4.2 mm ... 12.7 mm
Material specifications
RoHS compliant
yes
Color
white
Material
Polyolefine
Base element material
polyolefine
Components
halogen-free
Cable/line
External cable diameter
4.2 mm ... 12.7 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
WMS 12,7 (EX20)R - Shrink sleeve
0800294
https://www.phoenixcontact.com/us/products/0800294
Oct 17, 2023, 5:00 AM
Page 2 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com