Electronic Components Datasheet Search
  English  ▼

X  

IRMDAC3 Datasheet(PDF) 4 Page - International Rectifier

Part # IRMDAC3
Description  Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMDAC3 Datasheet(HTML) 4 Page - International Rectifier

  IRMDAC3 Datasheet HTML 1Page - International Rectifier IRMDAC3 Datasheet HTML 2Page - International Rectifier IRMDAC3 Datasheet HTML 3Page - International Rectifier IRMDAC3 Datasheet HTML 4Page - International Rectifier IRMDAC3 Datasheet HTML 5Page - International Rectifier IRMDAC3 Datasheet HTML 6Page - International Rectifier IRMDAC3 Datasheet HTML 7Page - International Rectifier IRMDAC3 Datasheet HTML 8Page - International Rectifier IRMDAC3 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Power Module Mounting and Hook-up Instructions
1.
Remove all particles and grit from the heatsink and power substrate
2.
Spread a thin layer of silicone grease on the heatsink, covering the entire area that the power substrate will occupy
3.
Place the power substrate onto the heatsink with the mounting holes aligned and press firmly into the grease
4.
Place the 2XM4 mounting screws and tighten to 1NM torque
External Connections
All input and output control connections are made via a 16-terminal single in line connector J6. Three phase input connections
are made to terminals R,S and T of J1. Inverter output terminal connections are made to terminals U,V and W of J7. Positive
DC Bus and brake IGBT collector connections are available on terminals P and BR respectively of J5. An external power
resistor may be connected between P and BR to dissipate braking energy.
Power-Up Procedure
Upon application of 3-phase input power, PWM inputs must be held high until the protection latch circuitry is reset. To reset
this latch before inverter start-up, RESET pin on J6 connector must be pulled down low for at least 2usec. This will set the
Fault feedback signal on J6 high. PWM input signals may then be actively driven.
2
1
IRMDAC3
Reference Design Data Sheet (October 1998)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J6
VDD +5V
VCC +15V
N [DC bus (-) ]
IN1
IN2
IN3
IN4
IN5
IN6
FAULT
IFB
VFB
RESET
NC
IN7
STOP
1
2
3
J1
1
2
3
J7
R
S
T
U
V
W
1
2
J5
BR
P
Figure 4 Signal Connector
Figure 6 Power Module Mounting Screw Sequence
Figure 5 Power Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com