Electronic Components Datasheet Search
  English  ▼

X  

IRMDAC3 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMDAC3
Description  Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMDAC3 Datasheet(HTML) 1 Page - International Rectifier

  IRMDAC3 Datasheet HTML 1Page - International Rectifier IRMDAC3 Datasheet HTML 2Page - International Rectifier IRMDAC3 Datasheet HTML 3Page - International Rectifier IRMDAC3 Datasheet HTML 4Page - International Rectifier IRMDAC3 Datasheet HTML 5Page - International Rectifier IRMDAC3 Datasheet HTML 6Page - International Rectifier IRMDAC3 Datasheet HTML 7Page - International Rectifier IRMDAC3 Datasheet HTML 8Page - International Rectifier IRMDAC3 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Description
The IRMDAC3 Reference Design is a kit of parts that
work together as an evaluation platform for IR2233
three phase motor control IC and IRPT2062A power
module. User connects three phase AC, drive signals,
motor and hall sensors to complete the system.
Power hook-up is via terminal blocks and control
signals are made using a single in line header.
How the IR2233 Control IC Adds Value
·
Monolithic HVIC Integrates Control and Drive
Yields Compact, Robust, Economical Designs
·
Allows Elegant, Convenient System Partition
·
Compatible with Short Circuit, Ground Fault and
Over-Temperature Protection Schemes
How the Power Module Adds Value
Integration of All Inverter Power Components;
·
Low Parasitic Coupling = High Performance
·
Current Sensing Shunts in DC Feed and Return
·
Onboard Temperature Sensor
·
Easily Mounted Package
·
Short Circuit Rated, Ultrafast IGBT Gen #4
·
Wide Operating Temperature Range
·
Metal Base gives Excellent Thermal Transfer
and Isolation to 2500V RMS
Kit Content
1 Host PCB for Input Processing and Control
2 IRPT2062A Integrated Power Module
3 IR2233 Three Phase Motor Control IC
Technical Contact and License Detail
Schematic and PCB Layout Data
Bill of Materials and Supplier Information
System Block Diagram
Fig 3
IRMDAC3
Host PCB
Bottom Layer
IR2233 Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
System Features
·
460V Three Phase AC Inlet, 50/60Hz
·
Convenient Signal and Power Terminations
·
Inrush Current Limit and Surge Suppression
·
Integral +15V and +5V Bias Supplies
·
DC Bus Voltage and Current Feedback
·
150% Overload Capability (1 Minute)
·
Optimized Drive for Power Module
·
Includes Brake Switch and Drive
Fig 2
1
2
3
Fig 1: IRMDAC3 Hardware
IRMDAC3
Reference Design Data Sheet (October 1998)
M
IGBT
Power Module
2
Host PCB
1,3
Control
Heatsink
Rotor
Position
Sense
USER
KIT
Signal
Power
Physical
KEY
M


Similar Part No. - IRMDAC3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMDAC2 IRF-IRMDAC2 Datasheet
100Kb / 9P
IR2133 Reference Design Kit: 3-Phase 230VAC 3HP Motor Drive 3-Phase 230VAC 3HP Motor Drive
IRMDAC4 IRF-IRMDAC4 Datasheet
87Kb / 7P
IR2137Q monolithic 3-phase HVIC driver
More results

Similar Description - IRMDAC3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMDAC2 IRF-IRMDAC2 Datasheet
100Kb / 9P
IR2133 Reference Design Kit: 3-Phase 230VAC 3HP Motor Drive 3-Phase 230VAC 3HP Motor Drive
logo
Silicon Laboratories
AN155 SILABS-AN155 Datasheet
546Kb / 36P
STEPPER MOTOR REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
ZigBee Contact Sensor Reference Design Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
Complete laser mouse reference design kit
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
logo
Soshin electric Co., Lt...
HF3000C-TMA SOSHIN-HF3000C-TMA Datasheet
185Kb / 4P
3-phase 3-line 460VAC
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
Reference Design Eval Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com