Electronic Components Datasheet Search
  English  ▼

X  

BY558 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BY558
Description  Damper diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY558 Datasheet(HTML) 6 Page - NXP Semiconductors

  BY558 Datasheet HTML 1Page - NXP Semiconductors BY558 Datasheet HTML 2Page - NXP Semiconductors BY558 Datasheet HTML 3Page - NXP Semiconductors BY558 Datasheet HTML 4Page - NXP Semiconductors BY558 Datasheet HTML 5Page - NXP Semiconductors BY558 Datasheet HTML 6Page - NXP Semiconductors BY558 Datasheet HTML 7Page - NXP Semiconductors BY558 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1998 Jun 25
6
Philips Semiconductors
Product specification
Damper diodes
BY558; BY578
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD115
97-10-14
Hermetically sealed glass package; axial leaded; 2 leads
SOD115
UNIT
b
max.
mm
1.35
D
max.
G
max.
27
6.0
5.5
L
min.
DIMENSIONS (mm are the original dimensions)
G
L
D
L
b
Note
1. The marking band indicates the cathode.
(1)
ka

0
2.5
5 mm
scale



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com