Electronic Components Datasheet Search
  English  ▼

X  

BY558 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY558
Description  Damper diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY558 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY558 Datasheet HTML 1Page - NXP Semiconductors BY558 Datasheet HTML 2Page - NXP Semiconductors BY558 Datasheet HTML 3Page - NXP Semiconductors BY558 Datasheet HTML 4Page - NXP Semiconductors BY558 Datasheet HTML 5Page - NXP Semiconductors BY558 Datasheet HTML 6Page - NXP Semiconductors BY558 Datasheet HTML 7Page - NXP Semiconductors BY558 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Jun 25
4
Philips Semiconductors
Product specification
Damper diodes
BY558; BY578
GRAPHICAL DATA
Fig.2
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
0123
6
2
0
4
MGK455
IF(AV) (A)
Ptot
(W)
1.57
Fig.3
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
01
2
3
10
0
8
MGK453
6
4
2
IF
(A)
VF (V)
Dotted line: Tj = 150 °C.
Solid line: Tj =25 °C.
Fig.4 Device mounted on a printed-circuit board.
handbook, halfpage
MGA200
3
2
7
50
25
50
Dimensions in mm.
Fig.5
Forward recovery time and
voltage definition.
handbook, halfpage
MGK454
tfr
time
time
5 V/2 V
VF
VFRM
10%
IF
VF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com