Electronic Components Datasheet Search
  English  ▼

X  

P3041 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P3041
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041 Datasheet(HTML) 4 Page - NXP Semiconductors

  P3041 Datasheet HTML 1Page - NXP Semiconductors P3041 Datasheet HTML 2Page - NXP Semiconductors P3041 Datasheet HTML 3Page - NXP Semiconductors P3041 Datasheet HTML 4Page - NXP Semiconductors P3041 Datasheet HTML 5Page - NXP Semiconductors P3041 Datasheet HTML 6Page - NXP Semiconductors P3041 Datasheet HTML 7Page - NXP Semiconductors P3041 Datasheet HTML 8Page - NXP Semiconductors P3041 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
P3041 QorIQ Communications Processor Product Brief, Rev. 0
P3041 Multicore Processing Options
Freescale Semiconductor
4
Figure 4 shows an additional use case, which involves the use of one of the CPUs as an I/O processor. The
DPAA can greatly simplify and accelerate processing for packets entering the system by means of the
All CPUs are running a single operating system, with any specialization of CPU
function occurring through OS techniques such as Task Affinity. The I/Os and
acceleration hardware are under the control of the SMP OS. Typically all CPUs
operate at the same frequency.
Some number of the cores are operated as an SMP cluster, most likely running
high complexity control plane operations. The control plane configures and
manages the remaining processors, which are running individual copies of an
RTOS or scheduler to perform dataplane operations. In this use case, the SMP
CPUs typically operate at the same frequency, the remaining CPUs can run at a
different frequency from the SMP CPUs, and even from each other.
A single CPU is used as the control processor, configuring and managing the
other three processors, which are running individual copies of an RTOS or
scheduler, as in B. CPU operating frequencies are an independent parameter.
All CPUs are used for datapath operations, here shown as two sets of pipelined
functions, each interacting independently with the I/Os and accelerators.
Operating frequencies for each CPU in the pipeline can be set independently, and
the provision of a 128-Kbyte back-side L2 provides significant flexibility in
partitioning and rebalancing the pipeline as processing requirements change.
Figure 3. CPU Usage Use Cases
SMP
A
DPAA
SMP
B
DPAA
C
CTL
DPAA
D
DPAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com