Electronic Components Datasheet Search
  English  ▼

X  

P3041 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P3041
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P3041 Datasheet HTML 5Page - NXP Semiconductors P3041 Datasheet HTML 6Page - NXP Semiconductors P3041 Datasheet HTML 7Page - NXP Semiconductors P3041 Datasheet HTML 8Page - NXP Semiconductors P3041 Datasheet HTML 9Page - NXP Semiconductors P3041 Datasheet HTML 10Page - NXP Semiconductors P3041 Datasheet HTML 11Page - NXP Semiconductors P3041 Datasheet HTML 12Page - NXP Semiconductors P3041 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
P3041 Features
P3041 QorIQ Communications Processor Product Brief, Rev. 0
Freescale Semiconductor
9
3.6
e500mc Core and Cache Memory Complex
The P3041 offers four high-performance, 32-bite500mc cores based on the Power Architecture® from
Power ISA 2.06. Like previous e500 cores, each e500mc is a superscalar dual issue processor, supporting
out-of-order execution and in-order completion.
3.6.1
e500mc Features Summary
Key features of the e500mc include the following:
•
Up to 1.5 GHz core clock speed
•
36 bit physical addressing
•
64 TLB SuperPages
•
512-entry, 4-Kbyte pages front-end
•
128-Kbyte backside L2 cache supporting ECC single-bit error correction
•
3 Integer units
—Two simple
— One complex (integer multiply and divide)
•
64-byte cache line
•
L1 caches, running at same frequency as CPU
— 32-Kbyte Instruction, 8 way
— 32-Kbyte Data, 8 way
— Both with data and tag parity protection
•
Supports Data Path Acceleration Architecture (DPAA) data and context “stashing” into frontside
cache
•
User, Supervisor, and Hypervisor instruction level privileges
•
New processor facilities
— Hardware support for efficient partitioning and virtualization
— Double-precision floating-point unit
– Complies with IEEE Std. 754™
– Binary-compatible with e300 and e600
– Supports 32 64-bit floating point registers for scalar single- and double-precision
floating-point arithmetic. Decorated storage facility to provide additional atomic operations
of up to two 64-bit quantities by a single access including a “fire and forget” APU for
improved statistics support
— Expanded interrupt model
– Improved programmable interrupt controller (PIC) automatically ACKs interrupts
– Implements message send and receive functions for interprocessor communication,
including receive filtering
— External PID load and store facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com