Electronic Components Datasheet Search
  English  ▼

X  

BY614 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY614
Description  Miniature high-voltage soft-recovery rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY614 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY614 Datasheet HTML 1Page - NXP Semiconductors BY614 Datasheet HTML 2Page - NXP Semiconductors BY614 Datasheet HTML 3Page - NXP Semiconductors BY614 Datasheet HTML 4Page - NXP Semiconductors BY614 Datasheet HTML 5Page - NXP Semiconductors BY614 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Sep 26
3
Philips Semiconductors
Product specification
Miniature high-voltage soft-recovery
rectifier
BY614
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.5.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 50 mA; Tj =Tj max; see Fig.4
−−
6V
IR
reverse current
VR =VRWmax; Tj = 120 °C
−−
3
µA
Qr
recovery charge
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.6
−−
1nC
tf
fall time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.6
100
−−
ns
trr
reverse recovery time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.6
−−
300
ns
Cd
diode capacitance
VR =0V; f=1MHz
−
2
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
100
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
155
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com