Electronic Components Datasheet Search
  English  ▼

X  

BY614 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY614
Description  Miniature high-voltage soft-recovery rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY614 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY614 Datasheet HTML 1Page - NXP Semiconductors BY614 Datasheet HTML 2Page - NXP Semiconductors BY614 Datasheet HTML 3Page - NXP Semiconductors BY614 Datasheet HTML 4Page - NXP Semiconductors BY614 Datasheet HTML 5Page - NXP Semiconductors BY614 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1996 Sep 26
4
Philips Semiconductors
Product specification
Miniature high-voltage soft-recovery
rectifier
BY614
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of ambient
temperature (including losses due to
reverse leakage).
a = 1.57;
δ = 0.5; VR =VRWmax; device mounted as shown in Fig.5.
handbook, halfpage
0
160
0
MBH389
40
20
80
60
80
120
40
Tamb (°C)
IF(AV)
(mA)
Fig.3
Maximum steady state power dissipation
(forward plus leakage losses) as a function
of average forward current.
a=IF(RMS)/IF(AV); δ = 0.5; VR =VRWmax.
handbook, halfpage
0
100
0
MBH390
500
1000
50
IF(AV) (mA)
P
(mW)
2.5
a = 3
1.57 1.42
2
Fig.4
Forward current as a function of maximum
forward voltage.
Dotted line: Tj = 150 °C.
Solid line: Tj =25 °C.
handbook, halfpage
010
20
0
MBH402
100
200
VF (V)
IF
(mA)
Fig.5 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com