Electronic Components Datasheet Search
  English  ▼

X  

SN66040B Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN66040B
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66040B Datasheet(HTML) 3 Page - SONiX Technology Company

  SN66040B Datasheet HTML 1Page - SONiX Technology Company SN66040B Datasheet HTML 2Page - SONiX Technology Company SN66040B Datasheet HTML 3Page - SONiX Technology Company SN66040B Datasheet HTML 4Page - SONiX Technology Company SN66040B Datasheet HTML 5Page - SONiX Technology Company SN66040B Datasheet HTML 6Page - SONiX Technology Company SN66040B Datasheet HTML 7Page - SONiX Technology Company SN66040B Datasheet HTML 8Page - SONiX Technology Company SN66040B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN66040B
4-Channel Speech Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SN66040B accepts crystal oscillator / ceramic resonator or RC type oscillator
(selected by pin CKSEL) for system clock. The typical circuit diagrams for oscillator
are listed as follows.
OSC/XIN
CKSEL
XOUT
VDD
RC Oscillator
Crystal / Resonator
VDD
OSC/XIN
CKSEL
XOUT
20pf
20pf
2MHz
5.2. ROM
SN66040B contains 128K word (12-bit) internal ROM. Program, voices, melodies,
data, and instrument waveforms share the same ROM with the others.
5.3. RAM
SN66040B contains 128 nibble RAM. The 128 nibble RAM is separated into two
pages (page 0 and page 1). An implicit page indicator is utilized to specify page
address. Two instructions, PAGE0 and PAGE1, can switch the page indicator. All 64
nibbles of each page can be accessed by direct mode (to specify M0 ~ M63 in the data
transfer type instructions.)
5.4. Power Down Mode
“End” instruction will let SN66040B enter power down mode and consumer very little
amount of current. (<2uA @VDD=3V and <5uA @VDD=5V) After SN66040B enters
power down mode, any valid data transition (L H or H L) occurring on any input
ports or IO ports (P1, P2, and P3) lead SN66040B back to normal operation mode.
Ver: 1.1
December 6, 2004
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com