Electronic Components Datasheet Search
  English  ▼

X  

SN66040B Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN66040B
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66040B Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN66040B Datasheet HTML 2Page - SONiX Technology Company SN66040B Datasheet HTML 3Page - SONiX Technology Company SN66040B Datasheet HTML 4Page - SONiX Technology Company SN66040B Datasheet HTML 5Page - SONiX Technology Company SN66040B Datasheet HTML 6Page - SONiX Technology Company SN66040B Datasheet HTML 7Page - SONiX Technology Company SN66040B Datasheet HTML 8Page - SONiX Technology Company SN66040B Datasheet HTML 9Page - SONiX Technology Company SN66040B Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN66040B
4-Channel Speech Controller
5.8. IR Function
P33 can be modulated with 42KHz square wave before sent out to P33 pin. The
IR signal can be achieved by this modulated signal.
Mode
42KHZ
P33
PAD
"1"
5.9. 2 8-bit DAC
Two 8-bit current type digital-to-analog converters are built-in SN66040B. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/255
…
N
n*(3/255)
…
255
3
VO2
VO1
VC
C
1K
VC
C
1K
Two Speaker Application
VO2
VO1
VC
C
1K
One Speaker Application
Ver: 1.1
December 6, 2004
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com