Electronic Components Datasheet Search
  English  ▼

X  

SNC678 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC678
Description  4-Channel Speech Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC678 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC678 Datasheet HTML 3Page - SONiX Technology Company SNC678 Datasheet HTML 4Page - SONiX Technology Company SNC678 Datasheet HTML 5Page - SONiX Technology Company SNC678 Datasheet HTML 6Page - SONiX Technology Company SNC678 Datasheet HTML 7Page - SONiX Technology Company SNC678 Datasheet HTML 8Page - SONiX Technology Company SNC678 Datasheet HTML 9Page - SONiX Technology Company SNC678 Datasheet HTML 10Page - SONiX Technology Company SNC678 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SNC678
4-Channel Speech Controller
5.8 IR Function
P33 can be modulated with 38.5KHz square wave before sent out to P33 pin. The IR
signal can be achieved by this modulated signal.
Mode
38.5KHZ
P33
PAD
"1"
5.9 8-bit DAC
An 8-bit current type digital-to-analog converter is built-in SNC678. The relationship
between of input digital data and output analog current signal is listed in the following
table. Also, the recommended application circuit is illustrated as follows.
Input data
Typical value of output current (mA)
0
0
1
3/255
…
N
n*(3/255)
…
255
3
SNC678
VO
VC
C
1K
D/A S pe a ke r Applica tion
Ver: 1.3
June 8, 2005
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com