Electronic Components Datasheet Search
  English  ▼

X  

SNC678 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC678
Description  4-Channel Speech Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC678 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC678 Datasheet HTML 1Page - SONiX Technology Company SNC678 Datasheet HTML 2Page - SONiX Technology Company SNC678 Datasheet HTML 3Page - SONiX Technology Company SNC678 Datasheet HTML 4Page - SONiX Technology Company SNC678 Datasheet HTML 5Page - SONiX Technology Company SNC678 Datasheet HTML 6Page - SONiX Technology Company SNC678 Datasheet HTML 7Page - SONiX Technology Company SNC678 Datasheet HTML 8Page - SONiX Technology Company SNC678 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SNC678
4-Channel Speech Controller
1. INTRODUCTION
SNC678 is a 61 seconds single chip 4-channel voice synthesizer IC which contains 24
I/O pins and a tiny controller. By programming through the tiny controller, users’
applications including section combination, trigger modes, output status, high
performance melody, multiple voices, and other logic functions can be implemented.
2. FEATURES
Single power supply 2.4V – 5.5V
Built in a tiny controller
42 seconds voice capacity are provided
Six 4-bit I/O ports are provided
256*4 bits RAM are provided
Maximum 64k program ROM is provided
132K *12 ROM size is provided for voice data and program
Readable ROM code data
Built in a high quality speech synthesizer
Four independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 4 channels individually
Automatic repetition for every channel
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
Two digital mixers (with saturation control) are provided
Built in a PWM Direct Drive circuit and a current output DA converters.
Built in 15 levels PWM output volume control.
System clock: 8M Hz ( RC-type or Crystal Option)
Low Voltage Reset
Ver: 1.3
June 8, 2005
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com