Electronic Components Datasheet Search
  English  ▼

X  

SNC688 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNC688
Description  4-Channel Speech Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC688 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNC688 Datasheet HTML 4Page - SONiX Technology Company SNC688 Datasheet HTML 5Page - SONiX Technology Company SNC688 Datasheet HTML 6Page - SONiX Technology Company SNC688 Datasheet HTML 7Page - SONiX Technology Company SNC688 Datasheet HTML 8Page - SONiX Technology Company SNC688 Datasheet HTML 9Page - SONiX Technology Company SNC688 Datasheet HTML 10Page - SONiX Technology Company SNC688 Datasheet HTML 11Page - SONiX Technology Company SNC688 Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SNC688
4-Channel Speech Controller
5.10 8-bit PWM
A PWM (pulse width modulation) circuit is built-in SNC688. PWM can convert input
digital data into pulse trains with suitable different pulse width. The maximum
resolution of PWM is 8 bits. Two huge output stage circuits are included in SNC688.
Both of them are capable of driving speaker directly. Besides, 15 level PWM output
current is provided for volume adjust function.
#
VOL[3..0]
Output Current
(VDD=3V, Vo=1.5V)
0
0000
120mA
1
0001
105mA
2
0010
90mA
3
0011
75mA
4
0100
60mA
5
0101
52.5mA
6
0110
45mA
7
0111
37.5mA
8
1000
30mA
9
1001
22.5mA
A
1010
15mA
B
1011
10.25mA
C
1100
7.5mA
D
1101
3.75mA
E
1110
3.75mA
F
1111
0mA
15 levels PWM output current control
BUO1/VO
BUO2
PWM output
Ver: 1.3
June 8, 2005
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com