Electronic Components Datasheet Search
  English  ▼

X  

SNC688 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNC688
Description  4-Channel Speech Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC688 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNC688 Datasheet HTML 5Page - SONiX Technology Company SNC688 Datasheet HTML 6Page - SONiX Technology Company SNC688 Datasheet HTML 7Page - SONiX Technology Company SNC688 Datasheet HTML 8Page - SONiX Technology Company SNC688 Datasheet HTML 9Page - SONiX Technology Company SNC688 Datasheet HTML 10Page - SONiX Technology Company SNC688 Datasheet HTML 11Page - SONiX Technology Company SNC688 Datasheet HTML 12Page - SONiX Technology Company SNC688 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SNC688
4-Channel Speech Controller
6. ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
7. ELECTRICAL CHARACTERISTICS
Item
Sym. Min. Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.5
V
Standby Current
ISBY
-
-
2
5
-
-
uA VDD=3V
VDD=4.5V
Operating Current
(ROSC Mode)
IOPR
-
-
350
1.5
-
-
uA
mA
VDD=3V, no load
VDD=4.5V, no load
(ROSC Mode)
Operating Current
(XTAL Mode)
IOPR
-
-
800
1.5
-
-
uA
mA
VDD=3V, no load
VDD=4.5V, no load
(XTAL Mode)
I/O port Input Current
IIH
-
-
3
10
10
30
uA VDD=3V, VIN=3V
VDD=4.5V,VIN=4.5V
I/O port Drive Current
IOD
1.5
2
2
5
-
-
mA VDD=3V, VO=2.6V
VDD=4.5V, VO=3.8V
I/O port Sink Current
IOS
2
4
3
8
-
-
mA VDD=3V, VO=0.4V
VDD=4.5V, VO=0.8V
D/A Output Current
IVO
2
2
3
3
4
4
mA VDD=3V, VO=0.7V
VDD=4.5V, VO=0.7V
Oscillation Freq.
FOSC
-
8
-
MHz VDD=3V
IR Carrier Frequency
Fir
-
38.5
-
KHz Fosc=8MHz
Ver: 1.3
June 8, 2005
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com