Electronic Components Datasheet Search
  English  ▼

X  

SNC710 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNC710 Datasheet HTML 4Page - SONiX Technology Company SNC710 Datasheet HTML 5Page - SONiX Technology Company SNC710 Datasheet HTML 6Page - SONiX Technology Company SNC710 Datasheet HTML 7Page - SONiX Technology Company SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company SNC710 Datasheet HTML 10Page - SONiX Technology Company SNC710 Datasheet HTML 11Page - SONiX Technology Company SNC710 Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SNC710
16-bit Voice Engine
I/O Pad
IREN
2
P0.15
Overflow
Timer2
P0.15 Modulated with a carry signal
4.5 Timer/Counter
SNC710 provides three 8-bit timer/event counters (T0/T1/T2). Each timer is 8-bit
binary up-count timer with pre-scalar and auto-reload function. Timer 0 (T0) is used
when voice playing, so user should avoid to use T0.
Auto-reload
clear
comparator
MU
/256
/8
/4
/2
If equal, Time out
8-bit Up
Counter
Enable
Pre-scalar
(system clock)/2*
TnC (8-bit)
4.6 DAC & PWM
To play out voices, SNC710 contains two different solutions, DAC and PWM, for the
users’ applications. The user can choose one of these two solutions in his design.
Only one function can be activated at one time.
DAC: A 10-bit current type digital-to-analog converter is built-in SNC710. The
relationship between of input digital data and output analog current signal is listed in
the following table. Also, the recommended application circuit is illustrated as
follows.
Ver. 1.4
July 30, 2003
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com