Electronic Components Datasheet Search
  English  ▼

X  

SNC710 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC710 Datasheet HTML 2Page - SONiX Technology Company SNC710 Datasheet HTML 3Page - SONiX Technology Company SNC710 Datasheet HTML 4Page - SONiX Technology Company SNC710 Datasheet HTML 5Page - SONiX Technology Company SNC710 Datasheet HTML 6Page - SONiX Technology Company SNC710 Datasheet HTML 7Page - SONiX Technology Company SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company SNC710 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SNC710
16-bit Voice Engine
4.2 Memory Mapping
The SNC710 provides totally 24-bit address for mask ROM addressing. The whole
ROM area is divided into 8 pages, each page’s addressing ability is 32M bits (2M
words). The first ROM page is reserved for system. It built-in 32K words high speed
ROM internally for Voice decompressed algorithm. The actual addressing capability
free for user is 224M bits (14M words). The memory mapping of external mask ROM is
shown as bellow:
Reserved for System
Free for user
0x0200000
0x0FFFFFF
14M words
(224M bits)
32K words
(inside SNC710)
2M words
(32M bits)
0x0007FFF
0x0000000
0x0008000
0x01FFFFF
Table-1
4.3 System Clock
The system clock source also can be selected from 16MHZ Rosc. For the ROSC, user
should connect two resistors in the pin “XIN” and “XOUT” instead of 16MHZ crystal.
Beside, the clock source select pin “CKSEL” also should be connected to VDD for
ROSC. In order to get an accurate system clock by ROSC, the real time clock
source is recommended to connect a 32768HZ crystal for system clock
calibration.
R1
75K
R2
110K
XOUT
XIN
LXIN
38
39
43
LOUT 44
Ver. 1.4
July 30, 2003
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com