Electronic Components Datasheet Search
  English  ▼

X  

SNC759 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNC759
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC759 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNC759 Datasheet HTML 8Page - SONiX Technology Company SNC759 Datasheet HTML 9Page - SONiX Technology Company SNC759 Datasheet HTML 10Page - SONiX Technology Company SNC759 Datasheet HTML 11Page - SONiX Technology Company SNC759 Datasheet HTML 12Page - SONiX Technology Company SNC759 Datasheet HTML 13Page - SONiX Technology Company SNC759 Datasheet HTML 14Page - SONiX Technology Company SNC759 Datasheet HTML 15Page - SONiX Technology Company SNC759 Datasheet HTML 16Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary
SNC759
16-bit Voice Processor
Ver. 1.5
March 7, 2007
13
13. Application Circuit
X’TAL
VDD
VCC
VCC
VDD
VDD
VDD
VDD
VDD
VDD
LXOUT
XOUT
XIN
LXIN
Y1
TXC 16M
Y2
32768
C12
20pF
U1
SNC739 real chip
30
31
32
33
13
12
14
9
10
11
34
36
35
37
38
39
40
41
42
43
48
45
46
47
44
1
6
4
7
8
5
2
3
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
P0.12
P0.13
P0.14
P0.15
LXOUT
LXIN
VDDA
VSSA
XIN
XOUT
P1.0
P1.2
P1.1
P1.3
VDDIO1
P1.4
P1.5
P1.6
P1.7
VSSIO1
VSSPP
BP0
VDDPP
BN0
VSSPP
Test
VDDIO2
RST_
CVDD
REGOUT
CKSEL
VSSIO2
CVSS
P0.0
P0.1
P0.2
P0.3
VSSIO0
P0.4
P0.5
P0.6
P0.7
VDDIO0
P0.8
P0.9
P0.10
P0.11
VSSIO0
SW9
1
2
SW7
1
2
SW6
1
2
SW5
1
2
SW4
1
2
SW3
1
2
SW2
1
2
SW1
1
2
SW10
1
2
SW11
1
2
SW12
1
2
SW13
1
2
SW14
1
2
SW15
1
2
SW16
1
2
SW17
1
2
D1
D2
D3
D4
D5
D6
D7
D8
C10
47u/10V
C2
47u/10V
LS1
Push-Pull
SW8
C9
0.1u
C3
47u/10V
C14
47u/10V
R1
220K
C4
0.1u
C11
0.1u
C13
0.1u
C8
0.1u
C7
47u/10V
C1
0.1u
C6
0.1u
C5
47u/10V
BT2
3V
BT1
1.5V
C15
20pF
C17
20pF
C16
20pF
SNC759 Real Chip
SNC729 real chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com