Electronic Components Datasheet Search
  English  ▼

X  

SNC759 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC759
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC759 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC759 Datasheet HTML 1Page - SONiX Technology Company SNC759 Datasheet HTML 2Page - SONiX Technology Company SNC759 Datasheet HTML 3Page - SONiX Technology Company SNC759 Datasheet HTML 4Page - SONiX Technology Company SNC759 Datasheet HTML 5Page - SONiX Technology Company SNC759 Datasheet HTML 6Page - SONiX Technology Company SNC759 Datasheet HTML 7Page - SONiX Technology Company SNC759 Datasheet HTML 8Page - SONiX Technology Company SNC759 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
SNC759
16-bit Voice Processor
Ver. 1.5
March 7, 2007
3
1. INTRODUCTION
The SNC759 is a simply chip base on new DSP technology. SNC759 provide
simply and easy control functions for system manufactory. SNC759 also is a high
performance voice IC. That is built-in 64K word high speed ROM, and by different
model to built-in 64K word ~ 960K words low speed ROM, the maximum program size
is full ROM size include high-speed and low-speed ROM.
The SNC759 have three timer, one real time clock and one watchdog timer and
built-in a hi-performance software synthesizer to provide lot of voice effects, such as
hi-decompression engine to support from 1.5Kbps ~ 32Kbps compression rate for
speech and music, multi-channel voice synthesizer to provide 12-channel wave table
melody.
2. FEATURES
Power supply: 2.4V ~ 3.6V (for 2 batteries application)
3.6V ~ 5.1V (for 3 batteries application)
Built-in a new 16-bit DSP core with 16 MIPS CPU performance
Software-based voice/melody processing
Rich Function Instruction Set
System Clock
−
16MHz crystal or R-C type oscillator for system clock
I/O Ports:
−
24 I/O pins (P0.0~P0.15, P1.0~P1.7)
−
P0.15 with IR carrier signal
RAM size: 4K*16 bits
ROM size: 1024KW
−
High performance program ROM: 64K*16 bits
−
Low speed ROM: 960KW
Maximum program size: Full ROM Size
3 Timer, 1 RTC, 1 WDT
- Timer With Individual pre-scalar and auto-reload function
- RTC with 0.25/0.5/1 sec period
- Watchdog Timer
9 Interrupt Sources
−
4 for Internal Timer (timer0, 1, 2 and RTC)
−
4 for External (P0.0~P0.3)
−
1 for DA (Push Pull DAC)
Two voice channels / 12 melody channels
Three 8-bit timer with auto-reload function
Built in a 12-bit Push-Pull DAC output
Internal regulator provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com