Electronic Components Datasheet Search
  English  ▼

X  

SNC21040 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC21040
Description  1-CH H.Q. Speech Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21040 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC21040 Datasheet HTML 1Page - SONiX Technology Company SNC21040 Datasheet HTML 2Page - SONiX Technology Company SNC21040 Datasheet HTML 3Page - SONiX Technology Company SNC21040 Datasheet HTML 4Page - SONiX Technology Company SNC21040 Datasheet HTML 5Page - SONiX Technology Company SNC21040 Datasheet HTML 6Page - SONiX Technology Company SNC21040 Datasheet HTML 7Page - SONiX Technology Company SNC21040 Datasheet HTML 8Page - SONiX Technology Company SNC21040 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SNC21040
1-CH H.Q. Speech Controller
1. INTRODUCTION
SNC21040 is a one-channel voice synthesizer IC with Push-Pull direct drive circuit. It
built in a 4-bit tiny controller with three 4-bit I/O ports. By programming through the tiny
controller in SNC21040, user’s varied applications including voice section combination,
key trigger arrangement, output control, and other logic functions can be easily
implemented.
2. FEATURES
Single power supply 2.4V – 5.5V
System Clock is 2MHz, the instruction cycle is 4us
40 seconds voice capacity are provided (@6KHZ sample rate)
Built in a 4-bit tiny controller
I/O Port
Three 4-bit I/O ports P1, P2 and P3 are provided
The driving/sink current of P3.2 & P3.3 is up to 8mA/16mA
The IO pins P3.3 or P2.3 can be modulated with 38.5Khz carry signal to
implement IR function.
PWM output for IO (P3.0~P3.3)
128*4 bits RAM are provided
Maximum 16k program ROM is provided
128K*10 shared ROM for voice data and program
Readable ROM code data
Built-in one channel High Quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Automatic repetition
Support 5-bit ADPCM and 10 bit PCM format
Built in an 8-level volume control Push-Pull Direct Drive circuit output, can directly
connected to Speaker for sound output
Push-Pull DAC with 12 bits resolution (Direct Drive)
Event Mark function supported
Low-Voltage Detect circuit
Watch Dog Timer Reset function.
Ver: 1.0
November 08, 2006
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com