Electronic Components Datasheet Search
  English  ▼

X  

SNC21040 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC21040
Description  1-CH H.Q. Speech Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21040 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC21040 Datasheet HTML 1Page - SONiX Technology Company SNC21040 Datasheet HTML 2Page - SONiX Technology Company SNC21040 Datasheet HTML 3Page - SONiX Technology Company SNC21040 Datasheet HTML 4Page - SONiX Technology Company SNC21040 Datasheet HTML 5Page - SONiX Technology Company SNC21040 Datasheet HTML 6Page - SONiX Technology Company SNC21040 Datasheet HTML 7Page - SONiX Technology Company SNC21040 Datasheet HTML 8Page - SONiX Technology Company SNC21040 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SNC21040
1-CH H.Q. Speech Controller
5. FUNCTION DESCRIPTIONS
5.1
Oscillator
System clock define 2 Mhz, the souce provided by internal R-type ring oscillator or
external resistor ring oscillator. This option is controlled by pin, RCSEL.
RCSEL = 1
using the external R 180Kohm
RCSEL = 0
using the internal R
5.2
ROM
SNC21040 contains a substantial maximum 128K words (10-bit) internal ROM, which
is shared by program and resource data. Program, voice and data are shared within
this same 128K words ROM.
5.3
RAM
SNC21040 contains maximum 128 nibble RAM (128 x 4-bits). The 128 nibble RAM is
divided into eight pages (page 0 to page 7, 16 nibble RAM on each page).
In our
programming structure, users can use the instructions, PAGE n (n=0 to 7) to switch
and indicate the RAM page.
Besides, users can use direct mode, M0 ~ M15 in the
data transfer type instructions, to access all 16 nibbles of each page.
5.4
Power Down Mode
“End” instruction makes the IC entering into Stop Mode will stop the system clock for
power savings (<3uA @VDD=3V and <6uA @VDD=4.5V.) Any valid data transition
(L
H or H
L) occurring on any IO pin can be used to start the system clock and
return to normal operating mode.
5.5
Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively set
up among from the wide ranges of 2.5KHz to 20KHz. This architecture yields a
high-quality voice synthesis that sounds very close to its original source when played
through the same amplifier and speaker circuitry.
Ver: 1.0
November 08, 2006
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com