Electronic Components Datasheet Search
  English  ▼

X  

FS0-DHAN3 Datasheet(PDF) 2 Page - FSP TECHNOLOGY INC.

Part # FS0-DHAN3
Description  50W ~ 65W 12V Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FS0-DHAN3 Datasheet(HTML) 2 Page - FSP TECHNOLOGY INC.

  FS0-DHAN3 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FS0-DHAN3 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FS0-DHAN3 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT POWER DERATING CURVE
0
10
70
60
50
40
30
20
20
40
60
80
100
Temperture
120
90
INPUT VOLTAGE DERATING CURVE
0
264
240
210
180
150
20
40
60
80
100
Input Voltage (Vac)
2 ©2018FSPGroup.AllRightsReserved.Alltrademarksareregisteredtotheirrespectiveowners.
2018.12 spec
www.fsp-group.com.tw
OUTPUT VOLTAGE/CURRENT RATING CHART
12V
12V
12V
Output
Voltage
4.17A
5A
5.42A
Output
Current
FSP050-DHAN3
FSP060-DHAN3
FSP065-DHAN3
Model
C14
C14
C14
AC Inlet
≧
88%
≧
88%
≧
88%
DOE(Level VI)
≧
89%
≧
89%
≧
89%
CoC V5 (Tier 2)
Efficiency
TECHNICAL DATASHEET
50W ~ 65W 12V Adapter
FSP050(60/ 65)-DHAN3 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com