Electronic Components Datasheet Search
  English  ▼

X  

FS0-DHAN3 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FS0-DHAN3
Description  50W ~ 65W 12V Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FS0-DHAN3 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FS0-DHAN3 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FS0-DHAN3 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FS0-DHAN3 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSP050(60/ 65)-DHAN3
Series
FEATURES
•
Meet IEC 62368-1 & IEC 60950-1
•
Meet Energy Efficiency DOE Level VI
•
Meet Code of Conduct Version 5 Tier 2
•
High Reliability
•
EMC Standard: EN55032/ EN55024 Class B
•
Over Current Protection
•
Over Temperature Protection
•
Over Voltage Protection
DESCRIPTION
This product is an watts AC to DC adapter intended for use in This product is an 50~65 watts AC to DC adapter intended for use in
IPC systems, embedded systems, IPC Systems, Embedded Systems, Printers, Monitors and POS Systems, etc. that have a high
wattage demands. This adapter operates at 90 to 264 VAC input voltage. The unit meets CISPR32 EN55032 CLASS B, EN55024 and
FCC PART 15B Class B emission limits, and is designed for ITE application.
INPUT SPECIFICATIONS
Input voltage:
Input frequency:
Input current:
No load power consumption
Touch current:
90-264 VAC
47-63 Hz
100Vac, 240Vac / full load ≦ 1.0A
115Vac , 230Vac ≦ 0.075W
264Vac / 50Hz ≦ 0.25mA
INPUT SPECIFICATIONS
Power factor:
Efficiency:
Power turn-on time
Hold-up time:
Inrush current:
Operating altitude:
Withstand voltage:
MTBF:
EMC Performance:
EN55032
FCC
VCCI
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Power de-rating:
N/A
See rating chart
At 100Vac / full load, output voltage shall remain
regulation ≦ 3Sec
At 100Vac or 240Vac / full load, output voltage shall
remain regulation ≧10ms
100Vac, 240Vac / full load , Shall be less than the rating
of adapter critical component (including rectifiers, fuse
surge and current limiting device)
5000 meters above sea level
Between AC input and secondary applied DC 4242V,test
time 1 minute,cut off current shall be less than 10mA
100Vac, 240Vac / full load , 300,000 hours at 25℃,
standard SR332
Class B conducted, class B radiated
Class B conducted, class B radiated
Class B conducted, class B radiated
Meet class A
Meet regulation
Air discharge: ±8 KV,contact discharge: ±4KV, meet
criterion A
80 ~1000 MHz,3V/m,80% AM(1kHz), meet criterion A
Impulse: ±1kV applied to L,N,meet criterion A
±1kV applied differential mode, ±2kV applied common
mode,meet criterion A
0.15 ~ 80 MHz,3Vrms,80% AM(1kHz),meet criterion A
50 Hz or 60Hz,1A/m,meet criterion A
Voltage Dips:
>95% reduction for 0.5 period,meet criterion B
30% reduction for 25 period,meet criterion C
Voltage Interruptions:
>95% reduction for 250 period,meet criterion C
100Vac or 240Vac, 0℃ to 40℃, 100% load, 50℃, 85%
load, 60℃, 70% load, 70℃, 55% load (Shall be less than
the rating of adapter critical component , follow FSP
specification (adapter))
OUTPUT SPECIFICATIONS
Output voltage/current:
Total output power:
Protection:
Over voltage:
Short circuit &
Over current:
Over temperature:
Brown-out
Environment
Working TEMP.
Storage TEMP.
Working Humidity
Storage Humidity
See rating chart
See rating chart
The adapter will enter into shut down
that means no output while over voltage
happened at output terminal that caused
by internal fault,the output trip voltage
shall not exceed 28 vlots.That will be
return to normal state by AC reset
When an internal fault occurs,or an
external fault is applied to the output,
the power suppy shall shut down and
enter auto-recovery mode.
The power supply will enter into shut
down while the abnormal thermal rise
occurs.That will be return to normal
state by AC reset.
Shutdown and no damage
0~70℃ (> 40℃ de-rating )
-20~+80℃
20~80% RH non-condensing
10~90% RH non-condensing
SAFETY STANDARD APPROVAL
1 ©2018FSPGroup.AllRightsReserved.Alltrademarksareregisteredtotheirrespectiveowners.
2018.12 spec
www.fsp-group.com.tw
TECHNICAL DATASHEET
50W ~ 65W 12V Adapter
FSP050(60/ 65)-DHAN3 Series
Tested to Comply
With FCC Standards
FOR HOME OR OFFICE USE


Similar Part No. - FS0-DHAN3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS0090C1 ETC1-FS0090C1 Datasheet
222Kb / 1P
WLL IF Filter(90 MHz)
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
FS0101BA ETC2-FS0101BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
FS0101BB ETC2-FS0101BB Datasheet
142Kb / 4P
SENSITIVE GATE SCR
More results

Similar Description - FS0-DHAN3

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1500 GILWAY-155-1500 Datasheet
72Kb / 1P
L7511 12V/50W QUARTZ, HALOGEN LAMP
logo
Volgen Kaga Electronics...
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
ADAPTER - 50W
STD-1250P VOLGEN-STD-1250P Datasheet
125Kb / 2P
ADAPTER - 65W
logo
Delta Electronics, Inc.
PMC-12V050W1AA DELTA-PMC-12V050W1AA Datasheet
1,016Kb / 2P
Panel Mount Power Supply 12V 50W 1 Phase
logo
MORNSUN Science& Techno...
MW06509DA MORNSUN-MW06509DA Datasheet
331Kb / 4P
65W AC/DC Adapter
MX06509DA MORNSUN-MX06509DA Datasheet
328Kb / 4P
65W AC/DC Adapter
MY06509DA MORNSUN-MY06509DA Datasheet
428Kb / 4P
65W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TRH50A CINCON-TRH50A Datasheet
587Kb / 2P
50W SWITCHING ADAPTER
logo
Lite-On Technology Corp...
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
Industrial Adapter 12V Series
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
Industrial Adapter 12V Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com