Electronic Components Datasheet Search
  English  ▼

X  

TPL910 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPL910
Description  1-A Output, High-PSRR, Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL910 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPL910 Datasheet HTML 5Page - 3PEAK INC. TPL910 Datasheet HTML 6Page - 3PEAK INC. TPL910 Datasheet HTML 7Page - 3PEAK INC. TPL910 Datasheet HTML 8Page - 3PEAK INC. TPL910 Datasheet HTML 9Page - 3PEAK INC. TPL910 Datasheet HTML 10Page - 3PEAK INC. TPL910 Datasheet HTML 11Page - 3PEAK INC. TPL910 Datasheet HTML 12Page - 3PEAK INC. TPL910 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.3peakic.com.cn
Rev.A.1
9 / 17
TPL910 Series
1-A Output, High-PSRR, Low-Noise LDO Regulator
Typical Performance Characteristics
VIN = VOUT(NOM) + 0.5 V or 2.2 V, whichever is greater; VEN = 2.2 V, CIN = 10 µF, COUT = 47 µF, CNR = 10 nF, CFF = open, unless otherwise noted.
VOUT = 0.8 V
Figure 1 Load Regulation
VOUT = 0.8 V
Figure 2 Load Regulation at Light Load
VOUT = 0.8 V, IOUT = 5 mA
Figure 3 Line Regulation
VOUT = 1.5 V
Figure 4 Dropout Voltage vs. Load Current
Figure 5 Dropout Voltage vs. Supply Voltage
Figure 6 Enable Threshold vs. Temperature
0.780
0.790
0.800
0.810
0.820
0
0.2
0.4
0.6
0.8
1
Load Current (A)
–40°C
25°C
85°C
125°C
0.780
0.790
0.800
0.810
0.820
0
0.01
0.02
0.03
Load Current (A)
–40°C
25°C
85°C
125°C
0.780
0.790
0.800
0.810
0.820
2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4 5.8 6.2 6.6
Supply Voltage (V)
–40°C
25°C
85°C
125°C
0
50
100
150
200
250
0
0.2
0.4
0.6
0.8
1
Load Current (A)
−40°C
25°C
85°C
125°C
0
50
100
150
200
2.2 2.6
3
3.4 3.8 4.2 4.6
5
5.4 5.8 6.2 6.6
Supply Voltage (V)
0
0.2
0.4
0.6
0.8
1
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (
°C)
VIH(EN)
VIL(EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com