Electronic Components Datasheet Search
  English  ▼

X  

TPL910 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TPL910
Description  1-A Output, High-PSRR, Low-Noise LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL910 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TPL910 Datasheet HTML 9Page - 3PEAK INC. TPL910 Datasheet HTML 10Page - 3PEAK INC. TPL910 Datasheet HTML 11Page - 3PEAK INC. TPL910 Datasheet HTML 12Page - 3PEAK INC. TPL910 Datasheet HTML 13Page - 3PEAK INC. TPL910 Datasheet HTML 14Page - 3PEAK INC. TPL910 Datasheet HTML 15Page - 3PEAK INC. TPL910 Datasheet HTML 16Page - 3PEAK INC. TPL910 Datasheet HTML 17Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.3peakic.com.cn
Rev.A.1
13 / 17
TPL910 Series
1-A Output, High-PSRR, Low-Noise LDO Regulator
it will cause the over temperature protection.
Over-Temperature Protection
The recommended operating junction temperature range is –40°C to 125°C. When the junction temperature is between 125°C and
the thermal shutdown (TSD) threshold, the regulator can still work well, but will reduce the device lifetime for long-term using.
The over-temperature protection works when the junction temperature exceeds the thermal shutdown (TSD) threshold, which turns
off the regulator immediately. Until when the device cools down and the junction temperature falls below the thermal shutdown
threshold minus thermal shutdown hysteresis, the regulator turns on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com