Electronic Components Datasheet Search
  English  ▼

X  

SKHC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHC
Description  TACT SwitchTM 12×12mm (Snap-in)Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
328
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Multi Control
Devices
Custom-
Products
For other specifications, see P.369
For soldering conditions, see P.370
For standard knobs, see P.374
Drawing
No.
1
2
Products Line
Products No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
1.27N
SKHCAAA010
SKHCACA010
SKHCAEA010
SKHCABA010
SKHCADA010
SKHCAFA010
2.55N
0.74N
1.27N
2.55N
0.74N
Operating
direction
Vertical
0.3
50mA
12V DC
Rating
(min.)
10BA
1V DC
500,000
cycles
1,000,000
cycles
1,000,000
cycles
500,000
cycles
500,000
cycles
100m
Ω
max.
Black
Minimum packing
unit
(pcs.)
1,000
Variety
Joint
stem
Flat
stem
Dark
gray
Blue
Black
Dark
gray
Blue
12
×12mm (Snap-in)Type
SKHC Series
Joint stem & flat stem with stable operation feeling.
Snap-in type, which can be directly mounted on PC board.
Some of output terminals can be also used as jumper leads, thus
making circuit design easy.
Standard knobs are available.
●
●
●
Features
All types of audio devices, office equipment, communication
equipment, measuring instruments, TV sets, video recorders, etc.
●
Applications
TACT Switch
TM
RoHS
applicable


Similar Part No. - SKHC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHCADA010 ALPS-SKHCADA010 Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHCBEA010 ALPS-SKHCBEA010 Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHCBEA010 ALPS-SKHCBEA010 Datasheet
507Kb / 5P
TACT SwitchTM 12mm Square (Snap-in Type)
SKHCBEA010 ALPS-SKHCBEA010 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
More results

Similar Description - SKHC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
in-system programmable Generic Digital SwitchTM
logo
List of Unclassifed Man...
SKQGAEE010 ETC2-SKQGAEE010 Datasheet
178Kb / 5P
TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
E-SWITCH
TL1100 E-SWITCH-TL1100_1 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
ALPS ELECTRIC CO.,LTD.
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
TACT SwitchTM 12mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com