Electronic Components Datasheet Search
  English  ▼

X  

SKHC Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHC
Description  TACT SwitchTM 12×12mm (Snap-in)Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHC Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKHC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHC Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
369
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Multi Control
Devices
Custom-
Products
Products Specifications
Series
Items
Sharp feeling type
Soft feeling type
Operating temperature range
ー20℃ to +70℃
SKHJ/HL/QJ/RR/RV/QC/QK
ー20℃ to +70℃
SKEG
ー30℃ to +85℃
ー40℃ to +90℃
100M
Ωmin. 100V DC
SKEY/PD : 50M
Ωmin. 100V DC
250V AC for 1 min.
SKRE/SKSC/SKRB/RV/RH/RM/RW/RR/EY/PD : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the
3 direction of X, Y and Z for 2 hours respectively
Shall be in accordance with individual specifications.
Electrical
performance
Durability
Environmental
performance
Insulation resistance
Voltage proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
Specifications of LED
(SKHJ)
Red
Pure green
Amber
Orange
(High brightness)
Green
(High brightness)
40
80
15
4
3
4
5 max.
10 max.
700 TYP
555 TYP
590 TYP
630 TYP
565 TYP
100 TYP
20 TYP
30 TYP
40 TYP
30 TYP
0.4min.
1.0 TYP
0.4min.
1.0 TYP
1.5min.
4.0 TYP
2.0min.
5.0 TYP
0.8min.
2.0 TYP
2.7 max.
2.05TYP
2.7 max.
2.0 TYP
2.7 max.
2.05TYP
Color of light
Power
dissipation
P
(mW)
Forward pulse
peak current
IFP
(mA)
Forward
current
IFDC
(mA)
Reverse
voltage
VR
(V)
Forward
voltage
VF
(V)
IF=10mA
Reverse
current
IR
(
μA)
VR=4V
Peak
emission
wave length
λpeak
(nm)
IF=10mA
Spectral
line half
width
Δλ
(nm)
IF=10mA
Luminous
intensity
IV
(mcd)
IF=10mA
We can raise the working temperature range for in-vehicle applications upon request. Contact us if you have any
requirements of this kind.
Note
TACT Switch
TM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com