Electronic Components Datasheet Search
  English  ▼

X  

489602000 Datasheet(PDF) 7 Page - ITT Industries

Part # 489602000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

489602000 Datasheet(HTML) 7 Page - ITT Industries

Back Button 489602000 Datasheet HTML 3Page - ITT Industries 489602000 Datasheet HTML 4Page - ITT Industries 489602000 Datasheet HTML 5Page - ITT Industries 489602000 Datasheet HTML 6Page - ITT Industries 489602000 Datasheet HTML 7Page - ITT Industries 489602000 Datasheet HTML 8Page - ITT Industries 489602000 Datasheet HTML 9Page - ITT Industries 489602000 Datasheet HTML 10Page - ITT Industries 489602000 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CODED SWITCHES – END PLATES
211702000
211709000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
211802000
211809000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
S2 SERIES REAR MOUNT, MOUNTING STYLE S2S
WITH .157
 (4MM) FLANGE
S2 SERIES REAR MOUNT, MOUNTING STYLE S2R
WITH .315
 (8MM) FLANGE
212002000
212009000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
211902000
211909000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
S2 SERIES REAR MOUNT, MOUNTING STYLE S2T
WITH NO FLANGE
S2 SERIES FRONT MOUNT, MOUNTING STYLE S2F
413402000
413409000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
3 SERIES FRONT MOUNT, TYPE 0
400402000
400409000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
3 SERIES REAR MOUNT, TYPE 1
473202000
473209000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
3 SERIES REAR MOUNT, TYPE 2
655702000
655709000
BLACK
GRAY
PART NO.
Two required for
complete assembly.
3 SERIES FRONT MOUNT, TYPE 3
One left and one right
piece required for
complete assembly.
LEFT-with hole
RIGHT-with pin
113B02000
113B09000
LEFT-BLACK
LEFT-GRAY
PART NO.
114B02000
114B09000
RIGHT-BLACK
RIGHT-GRAY
3U SERIES
623502000
623509000
LEFT-BLACK
LEFT-GRAY
PART NO.
3P SERIES
623602000
623609000
RIGHT-BLACK
RIGHT-GRAY
One left and one right
piece required for
complete assembly.
LEFT-with hole
RIGHT-with pin
L
C&K Hardware
L-12
www.ittcannon.com
ITT Industries
Cannon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com