Electronic Components Datasheet Search
  English  ▼

X  

489602000 Datasheet(PDF) 9 Page - ITT Industries

Part # 489602000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

489602000 Datasheet(HTML) 9 Page - ITT Industries

Back Button 489602000 Datasheet HTML 5Page - ITT Industries 489602000 Datasheet HTML 6Page - ITT Industries 489602000 Datasheet HTML 7Page - ITT Industries 489602000 Datasheet HTML 8Page - ITT Industries 489602000 Datasheet HTML 9Page - ITT Industries 489602000 Datasheet HTML 10Page - ITT Industries 489602000 Datasheet HTML 11Page - ITT Industries 489602000 Datasheet HTML 12Page - ITT Industries 489602000 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
FIXING SPANNERS
5.58002.0190000
DESCRIPTION
Tool used to secure switch to panel.
Tightens threaded fixing ring.
5.58002.0270000
DESCRIPTION
Tool used to secure switch to panel.
Tightens threaded fixing ring.
5.58002.0340000
DESCRIPTION
Tool used to secure switch to panel.
Tightens hexagon nut.
PART NO.
PART NO.
PART NO.
RAFI 15.2mm, Lumotast 75 & 8.1mm
RAFIX 16
FRAMES
Special colors, custom markings available, consult Customer Service Center.
7000 & E SERIES
J11, J21 ACTUATORS
7000 & E SERIES
J16, J26 ACTUATORS
764500223
764500252
764500746
764500747
BRIGHT CHROME
SATIN CHROME
BLACK ENAMEL
WHITE ENAMEL
PART NO.
459101000
459102000
459103000
WHITE
BLACK
RED
PART NO.
Material: Spring Steel.
Material: Nylon.
Finish: Matte.
764601106
RETAINING SPRING
J19 ACTUATOR
7000 & 9000 SERIES
J37, J47, J57 ACTUATORS
781000223
781000252
781000746
781000747
PART NO.
445400223
445400252
445400746
445400747
PART NO.
Material: Spring Steel.
Material: Spring Steel.
BRIGHT CHROME
SATIN CHROME
BLACK ENAMEL
WHITE ENAMEL
BRIGHT CHROME
SATIN CHROME
BLACK ENAMEL
WHITE ENAMEL
7000, 8020, 8060 & 8500 SERIES
J51, J61, J81, J83, J85, J86, J91 ACTUATORS
615601000
615602263
615603000
WHITE
BLACK
RED
PART NO.
Material: Nylon.
Finish: Matte.
7000, 8020, 8060 & 8500 SERIES
J52, J62, J82, J84, J92 ACTUATORS
613301000
613302263
613303000
WHITE
BLACK
RED
PART NO.
Material: Nylon.
Finish: Matte.
486701000
486702000
486703000
PART NO.
J50, J60, J80, J83, J90 ACTUATORS
486801000
486802000
486803000
WHITE
BLACK
RED
PART NO.
Material: Nylon.
Finish: Matte or Gloss.
MATTE
GLOSS
7000 SERIES
J76 ACTUATORS
724A01000
724A02000
724A03000
WHITE
BLACK
RED
PART NO.
Material: Nylon.
Finish: Matte.
L
C&K Hardware
L-14
www.ittcannon.com
ITT Industries
Cannon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com