Electronic Components Datasheet Search
  English  ▼

X  

ZUS10 Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # ZUS10
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS10 Datasheet(HTML) 1 Page - COSEL CO., LTD.

  ZUS10 Datasheet HTML 1Page - COSEL CO., LTD. ZUS10 Datasheet HTML 2Page - COSEL CO., LTD. ZUS10 Datasheet HTML 3Page - COSEL CO., LTD. ZUS10 Datasheet HTML 4Page - COSEL CO., LTD. ZUS10 Datasheet HTML 5Page - COSEL CO., LTD. ZUS10 Datasheet HTML 6Page - COSEL CO., LTD. ZUS10 Datasheet HTML 7Page - COSEL CO., LTD. ZUS10 Datasheet HTML 8Page - COSEL CO., LTD. ZUS10 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Basic Characteristics Data
*1 Refer to Specification.
*2 Refer to Instruction Manual.
Model
ZUS1R5
ZUS3
ZUS6
ZUS10
ZUS15
ZUS25
ZTS1R5
ZTS3
ZUW1R5
ZUW3
ZUW6
ZUW10
ZUW15
ZUW25
ZTW1R5
ZTW3
input fuse
Rated
200 - 1600
310 - 1600
330 - 400
Flyback converter
Flyback converter
*1
*1
*1
330 - 400
130 - 200
150 - 1600
200 - 1600
310 - 1600
200 - 1600
310 - 1600
330 - 400
330 - 400
130 - 200
150 - 1600
200 - 1600
310 - 1600
frequency
Switching
Flyback converter
Flyback converter
Flyback converter
Flyback converter
Flyback converter
Flyback converter
Circuit method
Flyback converter
Flyback converter
Flyback converter
Flyback converter
*1
*1
*1
*1
*1
*1
*1
*1
[A]
*1
*1
*1
*1
*1
current
Input
operation availability
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
Series/Parallel
Parallel
operation
-
-
-
Yes
Yes
Yes
*2
*2
Yes
PCB/Pattern
-
-
-
-
-
-
-
-
-
-
-
-
current
protection
Inrush
-
Material
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
*2
*2
*2
*2
*2
Yes
Yes
Yes
Yes
Yes
Yes
Double
sided
sided
Single
Yes
Yes
*2
*2
*2
Series
operation
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Refer to table No.1
Single ended forward converter
Single ended forward converter
Single ended forward converter
Single ended forward converter
Basic Characteristics Data
[kHz]
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
glass fabric base,epoxy resin
125V 2.0A
72V 4.0A
125V 1.0A
72V 1.2A
72V 1.2A
72V 1.2A
10W
25W
15W
6W
3W
1.5W
125V 2.0A
125V 3.5A
125V 6.3A
125V 6.3A
125V 5.0A
125V 10.0A
125V 8.0A
125V 3.15A
72V 4.0A
Input Voltage
72V 2.0A
72V 1.2A
72V 0.8A
72V 4.0A
72V 2.0A
72V 1.2A
72V 2.0A
72V 1.2A
72V 0.8A
5V
12V
24V
48V
Output Power
Table1. Rated input fuse
ZU/ZT-34
ZU/ZT
October 08, 2013


Similar Part No. - ZUS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
UL recognized, TV approved, CSA certified
More results

Similar Description - ZUS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
DC-DC Converters PCB Mount type
June 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com