Electronic Components Datasheet Search
  English  ▼

X  

ZUS10 Datasheet(PDF) 5 Page - COSEL CO., LTD.

Part # ZUS10
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS10 Datasheet(HTML) 5 Page - COSEL CO., LTD.

  ZUS10 Datasheet HTML 1Page - COSEL CO., LTD. ZUS10 Datasheet HTML 2Page - COSEL CO., LTD. ZUS10 Datasheet HTML 3Page - COSEL CO., LTD. ZUS10 Datasheet HTML 4Page - COSEL CO., LTD. ZUS10 Datasheet HTML 5Page - COSEL CO., LTD. ZUS10 Datasheet HTML 6Page - COSEL CO., LTD. ZUS10 Datasheet HTML 7Page - COSEL CO., LTD. ZUS10 Datasheet HTML 8Page - COSEL CO., LTD. ZUS10 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5.1 Installation method
nThe unit can be mounted in any direction. Position them with
proper intervals to allow enough air ventilation. Ambient tempera-
ture around each power supply should not exceed the tempera-
ture range shown in derating curve.
nAvoid placing the DC input line pattern lay out underneath the unit
because it will increase the line conducted noise. Make sure to
leave an ample distance between the line pattern lay out and the
unit. Also, avoid placing the DC output line pattern underneath
the unit because it may increase the output noise. Lay out the pat-
tern away from the unit.
ZU/ZT-38
ZU1R5 ZU3 ZU6 ZU10
5 Assembling and
Installation Method
YES
NO
Fig.5.1 Pattern wiring
5.2 Derating
nBy derating the output current, it is possible to operate the unit
from -20
to +71
(-20
to +85
at forced air cooling).
n
n
When unit mounted any way other than in drawings below, it is re-
quired to consider ventilated environments by forced air cooling
or temperature/load derating. For details, please consult our sales
or engineering department.
It is necessary to note thermal fatigue life by power cycle.
Please reduce the temperature fluctuation range as much as pos-
sible when the up and down of temperature are frequently gener-
ated.
ZU/ZT
(d)
4.2 Redundancy operation
nRedundancy operation is available by connecting the units as
shown below.
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com