Electronic Components Datasheet Search
  English  ▼

X  

S200 Datasheet(PDF) 58 Page - ABB

Part # S200
Description  Miniature circuit breakers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S200 Datasheet(HTML) 58 Page - ABB

Back Button S200 Datasheet HTML 54Page - ABB S200 Datasheet HTML 55Page - ABB S200 Datasheet HTML 56Page - ABB S200 Datasheet HTML 57Page - ABB S200 Datasheet HTML 58Page - ABB S200 Datasheet HTML 59Page - ABB S200 Datasheet HTML 60Page - ABB S200 Datasheet HTML 61Page - ABB S200 Datasheet HTML 62Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
Miniatur
e
cir
cuit
br
eakers
S800
15.56
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
15
15
S803W-SCL-SR UL Short circuit current limiter
Self-resetting
S803W-SCL-SR
UL version short circuit current limiter, self resetting, 3 pole
Item
Catalog number
32A Self resetting current limiter
S803W-SCL32-SR
63A Self resetting current limiter
S803W-SCL63-SR
100A Self resetting current limiter
S803W-SCL100-SR
Approved combinations with motor starter
Downstream devices
Upstream devices
S803W-SCL-SR
Self resetting short-circuit limiter
Rated current Ie [A]
32
63
100
MS/MO325
0.1– 2.5
■
■
■
4
■
■
■
6.3
■
■
■
9
■
■
■
12.5
■
■
■
16
■
■
■
20
■
■
25
■
■
MS/MO132
0.1– 2.5
■
■
4
■
■
6.3
■
■
■
10
■
■
■
16
■
■
■
20
■
■
25
■
■
32
■
■
– Combinations with S500-K and S500-KM on request
■
Applies for all voltages according to the table below
S803W-SCL-SR
Rated ultimate short-circuit breaking capacity
Short-circuit rating according to UL 508, CSA 22.2
(AC) 50/60 Hz 480 V
[kA]
65
(AC) 50/60 Hz 600 V
[kA]
65
Icu = Ics according to IEC 60947-2
(AC) 50/60 Hz 240/415 V
[kA]
100
(AC) 50/60 Hz 254/440 V
[kA]
100
(AC) 50/60 Hz 277/480 V
[kA]
65
(AC) 50/60 Hz 289/500 V
[kA]
65
(AC) 50/60 Hz 346/600 V
[kA]
65
(AC) 50/60 Hz 400/690 V
[kA]
50
Technical data
Rated voltage
600 VAC per UL508
Short circuit current rating according to UL508, CSA 22.2
480 VAC 50/60 Hz, 65 kA
600 VAC 50/60 Hz, 65 kA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com