Electronic Components Datasheet Search
  English  ▼

X  

MGS64812 Datasheet(PDF) 25 Page - COSEL CO., LTD.

Part # MGS64812
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS64812 Datasheet(HTML) 25 Page - COSEL CO., LTD.

Back Button MGS64812 Datasheet HTML 21Page - COSEL CO., LTD. MGS64812 Datasheet HTML 22Page - COSEL CO., LTD. MGS64812 Datasheet HTML 23Page - COSEL CO., LTD. MGS64812 Datasheet HTML 24Page - COSEL CO., LTD. MGS64812 Datasheet HTML 25Page - COSEL CO., LTD. MGS64812 Datasheet HTML 26Page - COSEL CO., LTD. MGS64812 Datasheet HTML 27Page - COSEL CO., LTD. MGS64812 Datasheet HTML 28Page - COSEL CO., LTD. MGS64812 Datasheet HTML 29Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
MG-25
MGFW3
External view
(TOP VIEW)
Recommended Pad and Hole dia.
Model
Model
-Vin +Vin
+Vout COM -Vout
2.2
17
12.7
2.54
2.8
0.5
Unit : 0.1inch
Dimension : mm
¶ Tolerance ±0.5 [±0.02]
¶ Dimensions in mm, [ ]= inches
¶ Pin terminal material : Copper
¶ Planting treatment of terminal : Lead free plating
¶ Case material : PBT
¶ Weight 4g max
[0.5]
[0.1]
[0.09]
[0.67]
[0.02]
[0.11]
5-f0.9
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com