Electronic Components Datasheet Search
  English  ▼

X  

MGS64812 Datasheet(PDF) 36 Page - COSEL CO., LTD.

Part # MGS64812
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS64812 Datasheet(HTML) 36 Page - COSEL CO., LTD.

Back Button MGS64812 Datasheet HTML 32Page - COSEL CO., LTD. MGS64812 Datasheet HTML 33Page - COSEL CO., LTD. MGS64812 Datasheet HTML 34Page - COSEL CO., LTD. MGS64812 Datasheet HTML 35Page - COSEL CO., LTD. MGS64812 Datasheet HTML 36Page - COSEL CO., LTD. MGS64812 Datasheet HTML 37Page - COSEL CO., LTD. MGS64812 Datasheet HTML 38Page - COSEL CO., LTD. MGS64812 Datasheet HTML 39Page - COSEL CO., LTD. MGS64812 Datasheet HTML 40Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MG-36
MGXW1R5
DC-DC Converters PCB Mount Type
MGX W
1R5
24
12
-O
Ordering information
1Series name
2Dual output
3Output wattage
4Input voltage
5Output voltage
6Optional
R
1
2
3
4
5
6
MODEL
MGXW1R52412
MGXW1R52415
MAX OUTPUT WATTAGE[W]
1.56
1.50
DC OUTPUT
VOLTAGE[V]
*1
±12 or +24
±15 or +30
CURRENT[A]
0.065
0.05
SPECIFICATIONS
MODEL
MGXW1R52412
MGXW1R52415
INPUT
VOLTAGE[V]
DC6 - 60 (Surge voltage 76V, 100ms max) (Refer to “Derating” for input voltage derating.)
CURRENT[A]
*2
0.082typ
0.079typ
EFFICIENCY[%]
*2
80typ
80typ
OUTPUT
VOLTAGE[V]
±12 (+24)
±15 (+30)
CURRENT[A]
0.065
0.05
LINE REGULATION[mV]
60max
75max
LOAD REGULATION[mV]
*3
480max
600max
*4
600max
750max
RIPPLE[mVp-p]
*5
150max
150max
RIPPLE NOISE[mVp-p]
*5
200max
200max
TEMPERATURE REGULATION[mV]
-20 to +85C 210max
260max
-40 to +85C 320max
390max
DRIFT[mV]
*6
48max
60max
START-UP TIME[ms]
30max
OUTPUT VOLTAGE SETTING[V] 11.64 - 12.36
14.55 - 15.45
PROTECTION CIRCUIT OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
GENERAL SPECIFICATIONS
ISOLATION
INPUT-OUTPUT
DC1,500V or AC1,000V 1minute, Cutoff current=10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 5,000m (16,400feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz 98.0m/s2 (10G), 3minute period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G) 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN62368-1
OTHERS
CASE SIZE/WEIGHT
17.0X12.0X8.5mm [0.67X0.48X0.34 inches] (WXHXD) / 4g max
COOLING METHOD
Convection/Forced air
*1
Single output +24V, +30V with no use of COM.
*2
Rated input 24V DC Io=100%
*3
Symmetrical loading from 20% to 100%.
*4
Symmetrical loading from 0% to 100%.
*5
Ripple and Ripple Noise is measured by using test board with ceramic capacitor 1 F at 50mm from output pins. (20MHz Osilloscope)
*6
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*
Parallel operation with other model is not possible.
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com