Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 7 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 7 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 3Page - COSEL CO., LTD. ZUS3 Datasheet HTML 4Page - COSEL CO., LTD. ZUS3 Datasheet HTML 5Page - COSEL CO., LTD. ZUS3 Datasheet HTML 6Page - COSEL CO., LTD. ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MODEL
ZUS10053R3 ZUS100505 ZUS100512 ZUS100515 ZUS101205 ZUS101212 ZUS101215 ZUS102405 ZUS102412 ZUS102415 ZUS10483R3 ZUS104805 ZUS104812 ZUS104815
MAX OUTPUT WATTAGE[W]
5.28
8.0
8.4
9.0
10.0
10.8
10.5
10.0
10.8
10.5
6.6
10.0
10.8
10.5
DC OUTPUT
VOLTAGE[V] 3.3
5
12
15
5
12
15
5
12
15
3.3
5
12
15
CURRENT[A] 1.6
1.6
0.7
0.6
2.0
0.9
0.7
2.0
0.9
0.7
2.0
2.0
0.9
0.7
SPECIFICATIONS
MODEL
ZUS10053R3 ZUS100505 ZUS100512 ZUS100515 ZUS101205 ZUS101212 ZUS101215 ZUS102405 ZUS102412 ZUS102415 ZUS10483R3 ZUS104805 ZUS104812 ZUS104815
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
DC18 - 36
DC36 - 72
CURRENT[A]
*1
1.48typ 2.14typ 2.24typ 2.40typ 1.05typ 1.10typ 1.07typ 0.53typ 0.55typ 0.54typ 0.18typ 0.27typ 0.28typ 0.27typ
EFFICIENCY[%]
*1
72typ
75typ
75typ
75typ
80typ
82typ
82typ
80typ
82typ
82typ
75typ
80typ
82typ
82typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
5
12
15
5
12
15
3.3
5
12
15
CURRENT[A]
1.6
1.6
0.7
0.6
2.0
0.9
0.7
2.0
0.9
0.7
2.0
2.0
0.9
0.7
LINE REGULATION[mV]
20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max
LOAD REGULATION[mV] 40max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 40max 100max 120max
RIPPLE[mVp-p]
*2
80max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 80max 120max 120max
RIPPLE NOISE[mVp-p] *2 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 120max 150max 150max
TEMPERATURE REGULATION[mV] -20 to +55
C 50max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 50max 150max 180max
DRIFT[mV]
*3
20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max
START-UP TIME[ms]
20max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed
OUTPUT VOLTAGE SETTING[V] 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
ISOLATION
INPUT-OUTPUT
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
INPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
OUTPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -20 to +71
C, 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +85
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, EN60950-1, CSA C22.2 No.60950-1 Complies with IEC60950-1
OTHERS
CASE SIZE/WEIGHT
45
X7X35mm (WXHXD) / 40g max
COOLING METHOD
Convection
*1 Rated input. 5V, 12V, 24V or 48V DC, Io=100%
*2 Measured by 20MHz oscilloscope.
*3 The drift is a change at 25C of ambient temperature and 30 minutes - 8 hours after the input voltage applied at rated input/output.
* Series/Parallel operation with other model is not possible.
ZUS10
DC-DC Converters PCB Mount type
ZU
S
10
12
05
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
R
12345
ZU/ZT
ZU/ZT-8
June 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com