Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 5 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 5 Page - COSEL CO., LTD.

  ZUS3 Datasheet HTML 1Page - COSEL CO., LTD. ZUS3 Datasheet HTML 2Page - COSEL CO., LTD. ZUS3 Datasheet HTML 3Page - COSEL CO., LTD. ZUS3 Datasheet HTML 4Page - COSEL CO., LTD. ZUS3 Datasheet HTML 5Page - COSEL CO., LTD. ZUS3 Datasheet HTML 6Page - COSEL CO., LTD. ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MODEL
ZUS6053R3 ZUS60505 ZUS60512 ZUS60515 ZUS61205 ZUS61212 ZUS61215 ZUS62405 ZUS62412 ZUS62415 ZUS6483R3 ZUS64805 ZUS64812 ZUS64815
MAX OUTPUT WATTAGE[W]
3.3
566666666
3.96
6
6
6
DC OUTPUT
VOLTAGE[V] 3.3
5
12
15
5
12
15
5
12
15
3.3
5
12
15
CURRENT[A] 1.0
1.0
0.5
0.4
1.2
0.5
0.4
1.2
0.5
0.4
1.2
1.2
0.5
0.4
SPECIFICATIONS
MODEL
ZUS6053R3 ZUS60505 ZUS60512 ZUS60515 ZUS61205 ZUS61212 ZUS61215 ZUS62405 ZUS62412 ZUS62415 ZUS6483R3 ZUS64805 ZUS64812 ZUS64815
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
DC18 - 36
DC36 - 72
CURRENT[A]
*1
0.94typ 1.41typ 1.63typ 1.63typ 0.69typ 0.65typ 0.65typ 0.35typ 0.33typ 0.33typ 0.09typ 0.18typ 0.17typ 0.17typ
EFFICIENCY[%]
*1
70typ
71typ
74typ
74typ
73typ
78typ
78typ
73typ
78typ
78typ
73typ
73typ
78typ
78typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
5
12
15
5
12
15
3.3
5
12
15
CURRENT[A]
1.0
1.0
0.5
0.4
1.2
0.5
0.4
1.2
0.5
0.4
1.2
1.2
0.5
0.4
LINE REGULATION[mV]
20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max
LOAD REGULATION[mV] 40max 40max 100max 120max 40max 100max 120max 40max 100max 120max 40max 40max 100max 120max
RIPPLE[mVp-p]
*2
80max 80max 120max 120max 80max 120max 120max 80max 120max 120max 80max 80max 120max 120max
RIPPLE NOISE[mVp-p] *2 120max 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 120max 150max 150max
TEMPERATURE REGULATION[mV] -20 to +55
C 50max 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 50max 150max 180max
DRIFT[mV]
*3
20max 20max 48max 60max 20max 48max 60max 20max 48max 60max 20max 20max 48max 60max
START-UP TIME[ms]
20max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed
OUTPUT VOLTAGE SETTING[V] 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 3.20 - 3.47 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
ISOLATION
INPUT-OUTPUT
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
INPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
OUTPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -20 to +71
C, 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +85
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, EN60950-1, CSA C22.2 No.60950-1 Complies with IEC60950-1
OTHERS
CASE SIZE/WEIGHT
44.5
X7X28mm (WXHXD) / 25g max
COOLING METHOD
Convection
*1 Rated input. 5V, 12V, 24V or 48V DC, Io=100%
*2 Measured by 20MHz oscilloscope.
*3 The drift is a change at 25C of ambient temperature and 30 minutes - 8 hours after the input voltage applied at rated input/output.
* Series/Parallel operation with other model is not possible.
ZUS6
DC-DC Converters PCB Mount type
ZU
S
6
12
05
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
R
12345
ZU/ZT
ZU/ZT-6
June 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com