Electronic Components Datasheet Search
  English  ▼

X  

ZUS30512 Datasheet(PDF) 6 Page - COSEL CO., LTD.

Part # ZUS30512
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS30512 Datasheet(HTML) 6 Page - COSEL CO., LTD.

Back Button ZUS30512 Datasheet HTML 2Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 3Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 4Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 5Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 6Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 7Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 8Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 9Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 10Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
¡DERATING CURVE
¡RISE TIME & FALL TIME (ZUS62405)
¡OVERCURRENT CHARACTERISTICS (ZUS62405)
¡STATIC CHARACTERISTICS (ZUS62405)
ZU/ZT
ZU/ZT-7
ZUS6
External view
Outline
¶Recomended size for
processing PCB
(TOP VIEW)
(1.25)
(1.25)
(1.25)
(1.25)
4-
º1.5
2-
º1.6
38.1
25.4
6.35
¶Dimensions in
The converter is in contact with the
slanted area of the P.C.B. To keep
isolation, adequate wiring on the
mounted side is required.
¶Div.: 0.1inch [inch]
[1.5]
[0.25]
[1]
mm
¶Specification
at A part
¶Specification
at B part
¶Weight: 25g or less.
¶Tolerance: ± 0.5
¶Case material: Brass
+V
-V
IN
OUT
+V
-V
44.5
(9.55)
(3.2)
38.1
25.4
2.5
2.5
4- 1±0.1
1±0.1
Name plate
2-A part
2-B part
º
Performance data
June 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com