Electronic Components Datasheet Search
  English  ▼

X  

ZUS30512 Datasheet(PDF) 11 Page - COSEL CO., LTD.

Part # ZUS30512
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS30512 Datasheet(HTML) 11 Page - COSEL CO., LTD.

Back Button ZUS30512 Datasheet HTML 4Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 5Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 6Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 7Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 8Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 9Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 10Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 11Page - COSEL CO., LTD. ZUS30512 Datasheet HTML 12Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MODEL
ZUS25053R3 ZUS250505 ZUS250512 ZUS251205 ZUS251212 ZUS252405 ZUS252412 ZUS25483R3 ZUS254805 ZUS254812
MAX OUTPUT WATTAGE[W]
13.2
16.0
20.4
20.0
25.2
20.0
25.2
13.2
20.0
25.2
DC OUTPUT
VOLTAGE[V] 3.3
5
12
5
12
5
12
3.3
5
12
CURRENT[A] 4.0
3.2
1.7
4.0
2.1
4.0
2.1
4.0
4.0
2.1
SPECIFICATIONS
MODEL
ZUS25053R3 ZUS250505 ZUS250512 ZUS251205 ZUS251212 ZUS252405 ZUS252412 ZUS25483R3 ZUS254805 ZUS254812
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
DC18 - 36
DC36 - 75
CURRENT[A]
*1
3.66typ
4.00typ
4.98typ
2.03typ
2.47typ
1.02typ
1.23typ
0.35typ
0.51typ
0.62typ
EFFICIENCY[%]
*1
72typ
80typ
82typ
82typ
85typ
82typ
85typ
78typ
82typ
85typ
OUTPUT
VOLTAGE[V]
3.3
5
12
5
12
5
12
3.3
5
12
CURRENT[A]
4.0
3.2
1.7
4.0
2.1
4.0
2.1
4.0
4.0
2.1
LINE REGULATION[mV]
20max
20max
48max
20max
48max
20max
48max
20max
20max
48max
LOAD REGULATION[mV] 40max
40max
100max
40max
100max
40max
100max
40max
40max
100max
RIPPLE[mVp-p]
*2
80max
80max
120max
80max
120max
80max
120max
80max
80max
120max
RIPPLE NOISE[mVp-p] *2 120max
120max
150max
120max
150max
120max
150max
120max
120max
150max
TEMPERATURE REGULATION[mV] 0to+55
C 50max
50max
150max
50max
150max
50max
150max
50max
50max
150max
DRIFT[mV]
*3
20max
20max
48max
20max
48max
20max
48max
20max
20max
48max
START-UP TIME[ms]
100max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
Internally fixed (TRM pin open), adjustable by external VR
3.20 - 3.47
t5%
3.20 - 3.47
t5%
OUTPUT VOLTAGE SETTING[V] 3.20 - 3.47 4.85 - 5.25 11.4 - 12.6 4.85 - 5.25 11.4 - 12.6 4.85 - 5.25 11.4 - 12.6 3.20 - 3.47 4.85 - 5.25 11.4 - 12.6
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
4.0 - 5.25V Works at 115 - 140% of rating
4.0 - 5.25V Works at 115 - 140% of rating
REMOTE ON/OFF
Between RC and -side of input:short - 1.2V
---output ON, 2.4V - 5.5V(or open)---output OFF, Compatible to TTL
ISOLATION
INPUT-OUTPUT
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
INPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
OUTPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -20 to +71
C, 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +85
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, EN60950-1, CSA C22.2 No.60950-1 Complies with IEC60950-1
OTHERS
CASE SIZE/WEIGHT
65
X8.5X50mm (WXHXD) / 65g max
COOLING METHOD
Convection
*1 Rated input. 5V, 12V, 24V or 48V DC, Io=100%
*2 Measured by 20MHz oscilloscope.
*3 The drift is a change at 25C of ambient temperature and 30 minutes - 8 hours after the input voltage applied at rated input/output.
* Series/Parallel operation with other model is not possible.
ZUS25
DC-DC Converters PCB Mount type
ZU
S
25
12
05
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
R
12345
ZU/ZT
ZU/ZT-12
June 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com