Electronic Components Datasheet Search
  English  ▼

X  

476802000 Datasheet(PDF) 8 Page - ITT Industries

Part # 476802000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

476802000 Datasheet(HTML) 8 Page - ITT Industries

Back Button 476802000 Datasheet HTML 4Page - ITT Industries 476802000 Datasheet HTML 5Page - ITT Industries 476802000 Datasheet HTML 6Page - ITT Industries 476802000 Datasheet HTML 7Page - ITT Industries 476802000 Datasheet HTML 8Page - ITT Industries 476802000 Datasheet HTML 9Page - ITT Industries 476802000 Datasheet HTML 10Page - ITT Industries 476802000 Datasheet HTML 11Page - ITT Industries 476802000 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HARDWARE FOR FIELD ASSEMBLY-3 SERIES ONLY.
SCREWS FOR FIELD ASSEMBLY OF THUMBWHEEL SWITCHES
(2 screws needed per assembly + 403500000 nuts)
See 3 series mounting styles, pages J-11 thru J-14.
Two nuts required per assembly and screws.
Not required for assembly.
Not supplied with sample pieces.
403500000
PART NO.
406100652
PART NO.
NUT
NUT DRIVER (For 403500000 nut)
663602000
663609000
BLACK
GRAY
PART NO.
3P SERIES, .100
 THK.
(Makes section pitch .400
)
3 SERIES FRONT MOUNT-FITS TYPE 0 & 3,
.185
 THK. (Makes section pitch .500)
410602000
410609000
BLACK
GRAY
PART NO.
3 SERIES FRONT MOUNT, FITS TYPE 0 & 3,
.078
 THK. (Makes section pitch 10mm)
410802000
410809000
BLACK
GRAY
PART NO.
3 SERIES REAR MOUNT, FITS TYPE 1,
.150
 THK. (Makes section pitch .500)
410702000
410709000
BLACK
GRAY
PART NO.
3 SERIES REAR MOUNT, FITS TYPE 2,
.150
 THK. (Makes section pitch .500)
473602000
473609000
BLACK
GRAY
PART NO.
CODED SWITCHES – SPACERS
L
C&K Hardware
L-13
www.ittcannon.com
ITT Industries
Cannon
NUMBER OF SECTIONS IN ASSEMBLY
FRONT MOUNTING
REAR MOUNTING
SCREW PART NUMBER
(0–80 UNF THD. SIZE)
MTG. STYLE – 00, 30
MTG. STYLE – 03, 33
MTG. STYLE – 04, 34
MTG. STYLE – 10, 20
MTG. STYLE – 14, 24
412700000
1 – 2
1
1
1 – 2
1
412701000
3 – 4
2 – 3
2
3
2
412702000
5 – 7
4 – 5
3 – 4
4 – 6
3 – 4
412703000
8 – 10
6 – 8
5 – 6
7 – 9
5 – 6
412704000
11 – 13
9 – 10
7 – 8
10 – 12
7 – 8
412705000
14 – 16
11 – 13
9 – 10
13 – 15
9 – 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com