Electronic Components Datasheet Search
  English  ▼

X  

476802000 Datasheet(PDF) 12 Page - ITT Industries

Part # 476802000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

476802000 Datasheet(HTML) 12 Page - ITT Industries

Back Button 476802000 Datasheet HTML 8Page - ITT Industries 476802000 Datasheet HTML 9Page - ITT Industries 476802000 Datasheet HTML 10Page - ITT Industries 476802000 Datasheet HTML 11Page - ITT Industries 476802000 Datasheet HTML 12Page - ITT Industries 476802000 Datasheet HTML 13Page - ITT Industries 476802000 Datasheet HTML 14Page - ITT Industries 476802000 Datasheet HTML 15Page - ITT Industries 476802000 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PART NO.
498703614
498705614
498706614
PART NO.
498703615
498705615
498706615
RED
YELLOW
GREEN
RED
YELLOW
GREEN
MP SERIES
02, R2 & S2 CAP STYLES
MP SERIES
01, A1, A2 & S1 CAP STYLES
LEDS & FILAMENT LAMPS
*Must install a suitable external series resistor.
LAMP EXTRACTORS
1.90900.0010000
FOR SERIES
RAFI 8.1 mm Illuminated Pushbutton
DESCRIPTION
Tool used to remove lamps or LEDs from switches.
1.90900.0020000
FOR SERIES
RAFI Lumotast
R 75
DESCRIPTION
Tool used to remove lamps or LEDs from switches.
1.90900.0030000
FOR SERIES
RAFIX 16
DESCRIPTION
Tool used to remove lamps or LEDs from switches.
PART NO.
PART NO.
PART NO.
L
C&K Hardware
L-17
www.ittcannon.com
ITT Industries
Cannon
LED PART NUMBER
DESCRIPTION
COLOR
BASE
VOLTAGE UB
FORWARD
CURRENT IF
FOR SERIES
LAMP EXTRACTOR
PART NUMBER
1.90691.0260000
1.90691.0270000
1.90691.0280000
1 Chip LED
Red
Green
Yellow
Bi-pin T1
DC*
10 mA
8.1mm Illuminated
Pushbutton
1.90900.0010000
1.90692.0010000
1.90692.0020000
1.90692.0030000
1 Chip LED
Red
Green
Yellow
T4.5
DC*
10 mA
Lumotast® 75
1.90900.0010000
1.90692.0450000
1.90692.0460000
1.90692.0470000
6 chip LED
Red
Green
Yellow
W 2x4.6 d
24 +10%
AC/DC
max.
12 mA
RAFIX 16
1.90900.0030000
FILAMENT
LAMP
PART NUMBER
DESCRIPTION
BASE
RATED
VOLTAGE
RATED
CURRENT
(A or mA)
RATED
POWER
(W)
AVERAGE
OPERATING
LIFE (Hrs.)
FOR SERIES
LAMP EXTRACTOR
PART NUMBER
1.90100.0210000
1.90100.0220000
1.90100.0230000
Miniature
Telephone
Filament Lamp
T 4.5
6 V
12 V
24 V
0.05 A
0.04 A
0.02 A
0.3
0.48
0.48
10,000
10,000
8,000
Lumotast® 75
1.90900.0020000
1.90120.0130000
1.90120.0120000
1.90120.0110000
1.90120.0090000
Filament
Lamp
W 2x4.6 d
6 V
12 V
24 V
60 V
0.20 A
0.08 A
0.04 A
0.02 A
1.2
1.2
1.2
1.2
20,000
15,000
7,000
3,300
RAFIX 16
1.90900.0030000
1.90180.4710000
1.90180.4720000
1.90180.4730000
Indicator
Lamp T1
Bi-pin
6 V
12/14 V
24/28 V
0.05 A
0.03 A
0.016 A
0.3
0.4-.56
0.4-.56
50,000
20,000
5,000
8.1 mm Illum.
Pushbuttons
1.90900.0010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com