Electronic Components Datasheet Search
  English  ▼

X  

GV2 Datasheet(PDF) 37 Page - Schneider Electric

Part # GV2
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2 Datasheet(HTML) 37 Page - Schneider Electric

Back Button GV2 Datasheet HTML 33Page - Schneider Electric GV2 Datasheet HTML 34Page - Schneider Electric GV2 Datasheet HTML 35Page - Schneider Electric GV2 Datasheet HTML 36Page - Schneider Electric GV2 Datasheet HTML 37Page - Schneider Electric GV2 Datasheet HTML 38Page - Schneider Electric GV2 Datasheet HTML 39Page - Schneider Electric GV2 Datasheet HTML 40Page - Schneider Electric GV2 Datasheet HTML 41Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
37
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV3 OPERATING CURVES
Thermal-Magnetic Tripping Curves for GV3ME
Average operating time at 68° F (20 °C) according to multiples of the setting current.
Time (s)
X setting current (Ir)
1
3 poles from cold state, rating 1.6 - 10 A
2
3 poles from hot state, rating 1.6 - 10 A
3
3 poles from cold state, rating 16 - 63 A
4
3 poles from hot state, rating 16 - 63 A
0,001
0,1
1
10
100
0,01
1
10
100
1000
10 000
4
2
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com