Electronic Components Datasheet Search
  English  ▼

X  

GV2 Datasheet(PDF) 54 Page - Schneider Electric

Part # GV2
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2 Datasheet(HTML) 54 Page - Schneider Electric

Back Button GV2 Datasheet HTML 50Page - Schneider Electric GV2 Datasheet HTML 51Page - Schneider Electric GV2 Datasheet HTML 52Page - Schneider Electric GV2 Datasheet HTML 53Page - Schneider Electric GV2 Datasheet HTML 54Page - Schneider Electric GV2 Datasheet HTML 55Page - Schneider Electric GV2 Datasheet HTML 56Page - Schneider Electric GV2 Datasheet HTML 57Page - Schneider Electric GV2 Datasheet HTML 58Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
54
10/02
GV7 DIMENSIONS
The following table lists the maximum horsepower ratings for the GV7 manual controllers depending on
the supply voltage.
FLC = Full load current. The values listed are for three-phase AC induction motors.
Maximum Horsepower Ratings
220-240 Vac
440-480 Vac
550-600 Vac
Maximum horsepower rating
75 Hp (FLC=192 A)
150 Hp (FLC=180 A)
200 Hp (FLC=192 A)
Motor Controllers
GV7R
Motor Controllers with Terminal Shields and Phase Barriers
GV7R + GV7AC01 + GV7AC04
(1)
126 for GV7R
• 220
(2)
Phase barriers – GV7AC04
(3)
Terminal shields – GV7AC01
Safety Clearance
x1
x2
Inches (mm)
Inches (mm)
Painted or insulated metal plate, insulation or insulated bar
0 (0)
1.18 (30)
Bare metal plate
U
≤ 440 V
0.20 (5)
1.38 (35)
440 V < U < 600 V
0.39 (10)
1.38 (35)
U Š 600 V
0.79 (20)
1.38 (35)
Minimum distance between 2 circuit breakers mounted side by side = 0.
Combination of GV7 and LC1F with Kit GV7AC0
a
b
c
Inch (mm)
GV7R + LC1F115 or
F150 + GV7AC06
4.69 (119)
13.15 (334)
7.13 (181)
GV7R + LC1F185 + GV7AC06
4.69 (119)
13.31 (338)
7.40 (188)
GV7R + LC1F225 + GV7AC07
5.16 (131)
14.09 (358)
7.40 (188)
GV7R + LC1F265 + GV7AC07
5.12 (130)
14.33 (364)
8.46 (215)
LC1D hardware available soon.
3.19
81 3.39
86
4.37
111 (1)
=
4.13
105
==
1.38
35
=
3.19
81
(2)
(3)
x1
x1
a
c
Dual Dimensions
inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com