Electronic Components Datasheet Search
  English  ▼

X  

GV2P32 Datasheet(PDF) 8 Page - Schneider Electric

Part # GV2P32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2P32 Datasheet(HTML) 8 Page - Schneider Electric

Back Button GV2P32 Datasheet HTML 4Page - Schneider Electric GV2P32 Datasheet HTML 5Page - Schneider Electric GV2P32 Datasheet HTML 6Page - Schneider Electric GV2P32 Datasheet HTML 7Page - Schneider Electric GV2P32 Datasheet HTML 8Page - Schneider Electric GV2P32 Datasheet HTML 9Page - Schneider Electric GV2P32 Datasheet HTML 10Page - Schneider Electric GV2P32 Datasheet HTML 11Page - Schneider Electric GV2P32 Datasheet HTML 12Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
General Information
© 2001-2002 Schneider Electric All Rights Reserved
8
10/02
TYPE 2 COORDINATION
IEC Standard 60947-4-1 defines Type 2 Coordination as a level of protection which assures that a motor
starter will be suitable for further use following a short circuit. The standard allows small tack welds that
can be easily broken. Device should be replaced during regular maintenance. Proper combination of
GV manual motor starters with LC1D contactors can yield a Type 2 Coordinated installation. Refer to
the table below for selection.
Three Phase HP Rating
Manual Starter
Contactor
Max. Available
Fault Current (kA)
at 460 Vac (1)
200 V
230 V
460 V
--
-GV2P02
LC1D09
50
--
-GV2P03
LC1D09
50
--
-GV2P04
LC1D09
50
--
0.5
GV2P05
LC1D09
50
-
-
0.75
GV2P06
LC1D09
50
0.5
0.5
1
GV2P07
LC1D09
50
0.75
1
2
GV2P08
LC1D09
50
1.5
1.5
3
GV2P10
LC1D09
50
23
5GV2P14
LC1D09
50
3
3
10
GV2P16
LC1D25
50
5
5
10
GV2P20
LC1D25
50
5
7.5
15
GV2P21
LC1D25
30
5
7.5
15
GV2P22
LC1D32
30
10
10
30
GV3ME40
LC1D40
8
20
20
40
GV3ME63
LC1D115
8
(1)
Higher maximum fault currents can be applied at lower voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com