Electronic Components Datasheet Search
  English  ▼

X  

GV2P32 Datasheet(PDF) 13 Page - Schneider Electric

Part # GV2P32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2P32 Datasheet(HTML) 13 Page - Schneider Electric

Back Button GV2P32 Datasheet HTML 9Page - Schneider Electric GV2P32 Datasheet HTML 10Page - Schneider Electric GV2P32 Datasheet HTML 11Page - Schneider Electric GV2P32 Datasheet HTML 12Page - Schneider Electric GV2P32 Datasheet HTML 13Page - Schneider Electric GV2P32 Datasheet HTML 14Page - Schneider Electric GV2P32 Datasheet HTML 15Page - Schneider Electric GV2P32 Datasheet HTML 16Page - Schneider Electric GV2P32 Datasheet HTML 17Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
13
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Mounting Accessories
Description
Application
Sold in Lots Of
Catalog Number
Weight / kg (lbs)
Motor starter adaptor plate
With 3-pole connection for
mounting of a GV2 and an
LC1-D09 to D25 contactor
10
GK2AF01
0.120 (0.26)
Adaptor plate
For screw mounting of a
GV2ME or LS1D30
•
10
GV2AF02
0.021 (0.05)
For mounting GV2ME or
GV2P and LC1D09 through
LC1D32 contactor with front
faces aligned.
1
LAD31
0.040 (0.09)
Mounting bracket
For mounting GV2ME or
GV2P and LC1D09 through
LC1D38 on common base
using 2 din rails.
1
LAD311
0.080 (0.18)
7.5 mm height compensation plate
To allow GV2ME and GV2P
to be mounted on a common
busbar
10
GV1F03
0.003 (0.01)
Combination block
Between GV2ME, LS1D30
and LC1K or LP1K contactor
10
GV2AF01
0.020 (0.04)
Between GV2, LS1D30 and
contactor LC1D09 to D38
10
GV2AF3
0.016 (0.03)
Between GV2/LS1D30
mounted on LAD31 and
contactor LC1D09 to D38
10
GV2AF4
0.016 (0.03)
Wiring Accessories
Description
Number of GVs
to be Mounted
Number of Side
Mounted-Auxiliary
Blocks on Each
GV Starter
Busbar
Pitch (mm)
Sold in
Lots Of
Catalog
Number
Weight /
kg (lbs)
Sets of 3-pole, 63 A
busbars
2
none
45
1
GV2G245
0.036 (0.08)
1 GV2AN, AM, AD
54
1
GV2G254
0.038 (0.84)
1 or 2 GV2AN, AM, AD;
or 1 GV2AS, AU
72
1
GV2G272
0.042 (0.09)
3
None
45
1
GV2G345
0.052 (0.12)
1 GV2AN, AM, AD
54
1
GV2G354
0.060 (0.13)
4
None
45
1
GV2G445
0.077 (0.17)
1 GV2AN, AM, AD
54
1
GV2G454
0.085 (0.19)
1 or 2 GV2AN, AM, AD;
or 1 GV2AS, AU
72
1
GV2G472
0.094 (0.21)
5
1 GV2AN, AM, AD
54
1
GV2G554
0.100 (0.22)
Description
Application
Sold in
Lots Of
Catalog
Number
Weight /
kg (lbs)
Protective end cover
For unused busbar outlets
5
GV1G10
0.005 (0.02)
Terminal blocks for
supply to one or more
GV2G• busbar sets
Connection from the top
1
GV1G09
0.040 (0.09)
Connection from bottom can be fitted with a GV1L3 current limiter
1
GV2G05
0.115 (0.25)
Cover for terminal block
For mounting in modular panels
10
LA9E07
0.005 (0.01)
Flexible 3-pole
connector
For connecting a GV2 / LS1D30 to an LC1D09 to D25 contactor (AC coil)
10
GV1G02
0.013 (0.03)
Clip-in marker holders
(supplied with each
motor starter)
For GV2P (0.31 x 0.87 in)
(8 x 22 mm)
100
LA9D92
0.001 (0.02)
Incoming line insulator
For GV2P when in UL508 Type E applications
10
GV2GH7
0.020 (0.04)
Padlockable External Operator
Description
Catalog Number
Weight / kg (lbs)
For GV2P
(6.0 to 11.4 in)
(150 to 290 mm)
Black handle, blue legend plate
GV2AP01
0.200 (0.44)
Red handle, yellow legend plate
GV2AP02
0.200 (0.44)
Padlocking Device
For all GV2 devices
6 padlocks, Ø 6 mm shank max.
(padlock not supplied)
GV2V03
0.130 (0.29)
GV2GH7
LAD31
LAD311
GV2AF3 / GV2AF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com