Electronic Components Datasheet Search
  English  ▼

X  

GV2AF4 Datasheet(PDF) 24 Page - Schneider Electric

Part # GV2AF4
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AF4 Datasheet(HTML) 24 Page - Schneider Electric

Back Button GV2AF4 Datasheet HTML 20Page - Schneider Electric GV2AF4 Datasheet HTML 21Page - Schneider Electric GV2AF4 Datasheet HTML 22Page - Schneider Electric GV2AF4 Datasheet HTML 23Page - Schneider Electric GV2AF4 Datasheet HTML 24Page - Schneider Electric GV2AF4 Datasheet HTML 25Page - Schneider Electric GV2AF4 Datasheet HTML 26Page - Schneider Electric GV2AF4 Datasheet HTML 27Page - Schneider Electric GV2AF4 Datasheet HTML 28Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Combinations
Variable speed drives
Altivar Machine ATV320
Combinations of options for Altivar 320 drives
Option modules for ATV320 drives
24
3
Combinations of options for Altivar 320 drives
Motor
Drive
Accessories
Options
kW
HP
Bracket for GV2
direct mounting
DC bus
connector kit
DIN rail kit
UL Type 1
conformity kits
Shielding
connection clamps
Braking resistors
Line chokes
Motor chokes
Additional EMC
filters
Communication
adapter card
IP20
IP65 - 0.75 m/
29.53 in. cable
IP65 - 3 m/
118.11 in. cable
Drive with book control block - single-phase supply voltage: 200...240 V 50/60 Hz
0.18
0.25
ATV320U02M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VZ1L004M010
VW3A4552
VW3A4420
–
0.37
0.5
ATV320U04M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VZ1L004M010
VW3A4552
VW3A4420
–
0.55
0.75
ATV320U06M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7731
VW3A7608R07
VW3A7608R30
VZ1L007UM50
VW3A4552
VW3A4420
–
0.75
1
ATV320U07M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7731
VW3A7608R07
VW3A7608R30
VZ1L007UM50
VW3A4552
VW3A4420
–
1.1
1.5
ATV320U11M2B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7731
VW3A7605R07
VW3A7605R30
VZ1L018UM20
VW3A4552
VW3A4421
–
1.5
2
ATV320U15M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7731
VW3A7605R07
VW3A7605R30
VZ1L018UM20
VW3A4552
VW3A4421
–
2.2
3
ATV320U22M2B VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7732
VW3A7603R07
VW3A7603R30
VZ1L018UM20
VW3A4553
VW3A4426
–
Drive with book control block - three-phase supply voltage: 380...500 V 50/60 Hz
0.37
0.5
ATV320U04N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4551
VW3A4552
VW3A4422
–
0.55
0.75
ATV320U06N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4551
VW3A4552
VW3A4422
–
0.75
1
ATV320U07N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4551
VW3A4552
VW3A4422
–
1.1
1.5
ATV320U11N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4551
VW3A4552
VW3A4422
–
1.5
2
ATV320U15N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4551
VW3A4552
VW3A4422
–
2.2
3
ATV320U22N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7608R07
VW3A7608R30
VW3A4552
VW3A4552
VW3A4422
–
3
4
ATV320U30N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7730
VW3A7606R07
VW3A7606R30
VW3A4552
VW3A4552
VW3A4422
–
4
5
ATV320U40N4B
VW3A9921
VW3M2207
–
–
TM200RSRCEMC
VW3A7731
VW3A7606R07
VW3A7606R30
VW3A4552
VW3A4552
VW3A4422
–
5.5
7.5
ATV320U55N4B
–
–
–
VW3A95817
TM200RSRCEMC
VW3A7731
VW3A7604R07
VW3A7604R30
VW3A4553
VW3A4553
VW3A4424
–
7.5
10
ATV320U75N4B
–
–
–
VW3A95817
TM200RSRCEMC
VW3A7732
VW3A7604R07
VW3A7604R30
VW3A4553
VW3A4554
VW3A4424
–
11
15
ATV320D11N4B
–
–
–
VW3A95819
TM200RSRCEMC
VW3A7732
–
–
VW3A4554
VW3A4554
VW3A4425
–
15
20
ATV320D15N4B
–
–
–
VW3A95819
TM200RSRCEMC
VW3A7733
–
–
VW3A4554
VW3A4555
VW3A4425
–
Option modules (1) (2)
Description
Reference
Page
Communication option modules
CANopen Daisy Chain 2 x RJ45 communication module
VW3A3608
36
CANopen SUB-D9 communication module
VW3A3618
36
CANopen open style communication module
VW3A3628
37
Ethernet TCP/IP communication module
VW3A3616
38
EtherCAT 2 x RJ45 communication module
VW3A3601
39
Profibus DP communication module
VW3A3607
39
DeviceNet communication module
VW3A3609
39
POWERLINK communication module
VW3A3619
39
ProfiNet communication module
VW3A3627
39
Other option modules
Speed monitoring card - RS422 - 5V
VW3A3620
33
(1) To use with ATV320 drives with a compact control block, the option module adapter is required (to be ordered separately).
(2) Only one module can be connected at once.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com