Electronic Components Datasheet Search
  English  ▼

X  

GV2AF4 Datasheet(PDF) 35 Page - Schneider Electric

Part # GV2AF4
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AF4 Datasheet(HTML) 35 Page - Schneider Electric

Back Button GV2AF4 Datasheet HTML 31Page - Schneider Electric GV2AF4 Datasheet HTML 32Page - Schneider Electric GV2AF4 Datasheet HTML 33Page - Schneider Electric GV2AF4 Datasheet HTML 34Page - Schneider Electric GV2AF4 Datasheet HTML 35Page - Schneider Electric GV2AF4 Datasheet HTML 36Page - Schneider Electric GV2AF4 Datasheet HTML 37Page - Schneider Electric GV2AF4 Datasheet HTML 38Page - Schneider Electric GV2AF4 Datasheet HTML 39Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
34
References (continued)
Variable speed drives
Altivar machine ATV320
Communication buses and networks
Presentation:
page 34
Functions:
page 35
Compact drive communication adapter (1)
Description
Item
no.
Length
m/ft
Unit
reference
Weight
kg/lb
Communication module adapter for
ATV320 Compact
1
–
VW3A3600
–
CANopen machine bus (2)
Description
Item
no.
Length
m/ft
Unit
reference
Weight
kg/lb
Connection with VW3A3608 CANopen daisy chain module
(optimized solution for daisy chain connection to the CANopen machine bus)
CANopen daisy chain communication
module (2) (3) (4)
Ports: 2 RJ45 connectors
2
–
VW3A3608
–
CANopen cordsets
equipped with 2 RJ45 connectors
3
0.3/
0.98
VW3CANCARR03
0.050/
0.110
1.0/
3.28
VW3CANCARR1
0.500/
1.102
CANopen line terminator
for RJ45 connector
4
–
TCSCAR013M120
–
Connection via SUB-D connector with VWA3618 CANopen module
CANopen communication module
(2) (3)
Port: 1 x 9-way male SUB-D connector
5
–
VW3A3618
–
CANopen cable
Standard cable, e marking
Low smoke zero halogen
Flame retardant (IEC 60332-1)
6
50/
164.04
TSXCANCA50
4.930/
10.869
100/
328.08
TSXCANCA100
8.800/
19.401
300/
984.25
TSXCANCA300
24.560/
54.145
CANopen cable
Standard cable, UL certification,
e
marking
Flame retardant (IEC 60332-2)
6
50/
164.04
TSXCANCB50
3.580/
7.892
100/
328.08
TSXCANCB100
7.840/
17.284
300/
984.25
TSXCANCB300
21.870/
48.215
CANopen cable
Cable for harsh environments (5) or
mobile installations, e marking
Low smoke zero halogen
Flame retardant (IEC 60332-1)
6
50/
164.04
TSXCANCD50
3.510/
7.738
100/
328.08
TSXCANCD100
7.770/
17.130
300/
984.25
TSXCANCD300
21.700/
47.840
CANopen IP 20 straight connector
9-way female SUB-D
with line terminator that can be
deactivated
7
–
TSXCANKCDF180T
0.049/
0.108
IP 20 CANopen right angle
connector (6)
9-way female SUB-D
with line terminator that can be
deactivated
7
–
TSXCANKCDF90T
0.046/
0.101
(1) Altivar Machine ATV320 products with a compact control block require the
VW3A3600
option module adapter in order to use any communication option modules.
(2) The Modbus serial link always uses the RJ45 communication port. If simultaneous use of the
Modbus serial link and the CANopen machine bus is required, a CANopen communication
module is needed.
(3) The Altivar Machine ATV320 drive can only take one communication module.
(4) When one of the CANopen communication modules is inserted in the Altivar Machine
ATV320 drive, CANopen communication via the RJ45 communication port on the front is
disabled.
(5) Standard environment:
- No particular environmental constraints
- Operating temperature between 5 and 60 °C/41 and 140 °F
- Fixed installation
Harsh environment:
- Resistance to hydrocarbons, industrial oils, detergents, solder splashes
- Relative humidity up to 100%
- Saline atmosphere
- Operating temperature between -10 and +70 °C/14 and 158 °F
- Significant temperature variations
(6) Incompatible with side-by-side mounting.
(7) Please refer to the “Modicon M241 logic controller”, “Modicon M251 logic controller”, and
“Magelis SCU small HMI controllers” catalogs.
(8) Cable dependent on the type of controller or PLC; please refer to the corresponding catalog.
VW3A3618
Modicon M241 (7)
ATV320 Compact + VW3A3600 + VW3A3608 module
1
1
1
2
2
2
3
3
4
Optimized solution for daisy chain connection to the
CANopen machine bus
Modicon M251 (7)
ATV320 Book + VW3A3608 module
2
2
2
4
3
3
VW3A3608
Example of connection to the CANopen machine bus via
SUB-D connector
ATV320 Book + VW3A3618 module
HMI SCU (7)
5
7
6
5
7
6
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com