Electronic Components Datasheet Search
  English  ▼

X  

GV3AP02 Datasheet(PDF) 36 Page - Schneider Electric

Part # GV3AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV3AP02 Datasheet(HTML) 36 Page - Schneider Electric

Back Button GV3AP02 Datasheet HTML 32Page - Schneider Electric GV3AP02 Datasheet HTML 33Page - Schneider Electric GV3AP02 Datasheet HTML 34Page - Schneider Electric GV3AP02 Datasheet HTML 35Page - Schneider Electric GV3AP02 Datasheet HTML 36Page - Schneider Electric GV3AP02 Datasheet HTML 37Page - Schneider Electric GV3AP02 Datasheet HTML 38Page - Schneider Electric GV3AP02 Datasheet HTML 39Page - Schneider Electric GV3AP02 Datasheet HTML 40Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
35
References (continued)
Variable speed drives
Altivar machine ATV320
Communication buses and networks
Presentation:
page 34
Functions:
page 35
CANopen machine bus (continued) (1)(7)
Description
Item
no.
Length
m/ft
Unit
reference
Weight
kg/lb
Connection via terminals with VW3A3628 CANopen module
CANopen communication module
(2) (3)
Port: 1 x 5-way screw terminal block
8
–
VW3A3628
–
CANopen line terminator
for screw terminal connector
9
–
TCSCAR01NM120
–
Other connection accessories and cordsets
IP 20 CANopen cordsets
equipped with 2 x 9-way female SUB-D
connectors.
Standard cable, e marking
Low smoke zero halogen
Flame retardant (IEC 60332-1)
–
0.3/
0.98
TSXCANCADD03
0.091/
0.201
1.0/
3.28
TSXCANCADD1
0.143/
0.315
3.0/
9.84
TSXCANCADD3
0.295/
0.650
5.0/
16.40
TSXCANCADD5
0.440/
0.970
IP 20 CANopen cordsets
equipped with 2 x 9-way female SUB-D
connectors.
Standard cable, UL certification,
e
marking
Flame retardant (IEC 60332-2)
–
0.3/
0.98
TSXCANCBDD03
0.086/
0.190
1.0/
3.28
TSXCANCBDD1
0.131/
0.289
3.0/
9.84
TSXCANCBDD3
0.268/
0.591
5.0/
16.40
TSXCANCBDD5
0.400/
0.882
IP 20 CANopen junction boxes
equipped with:
b
4 x 9-way male SUB-D connectors +
screw terminal block for trunk cable tap
link
b
Line terminator
–
–
TSXCANTDM4
0.196/
0.432
IP 20 CANopen junction boxes
equipped with:
b
2 screw terminal blocks for trunk
cable tap link
b
2 RJ45 connectors for connecting
drives
b
1 RJ45 connector for connecting a PC
–
–
VW3CANTAP2
0.480/
1.058
(1) The Modbus serial link always uses the RJ45 communication port. If simultaneous use of the
Modbus serial link and the CANopen machine bus is required, a CANopen communication
module is needed.
(2) The Altivar Machine ATV320 drive can only take one communication module.
(3) When one of the CANopen communication modules is inserted in the Altivar Machine ATV320
drive, CANopen communication via the RJ45 communication port is disabled.
(4) Please refer to the “Modicon M241 logic controller” and “Modicon M251 logic controller”
catalogs.
(5) Cable dependent on the type of controller or PLC; please refer to the corresponding catalog.
(6) See page 36 for item “
6”.
(7) Altivar Machine ATV320 products with a compact control block require the
VW3A3600 option
module adapter in order to use any communication option modules.
VW3A3628
Example of connection to the CANopen machine bus via
screw terminals
ATV320 Book + VW3A3628 module
8
Modicon M251 (4)
8
8
8
9
6
6
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com